Part Number Hot Search : 
PVC1011 FSA859 CXA19 2SC40 HCU04 UP6018 362611 D1857A
Product Description
Full Text Search
 

To Download OP4014B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
OP4014B
* * * * Quartz SAW Stabilized and Filtered "Diff Sine" Technology Fundamental-Mode Oscillation at 627.329 MHz Voltage Tunable for Phase Lock Loop Operations Optical Timing Reference for G.709 Timing Applications
The output of this device is generated and filtered by narrowband quartz SAW elements at 627.329 MHz. The configuration of this clock is intended to provide a pure signal for optical timing applications in noisy signal environments. The Q/Qbar differential output swing of 1 volt about 0 vdc has symmetry better than 1% into loads from 40 ohms to 70 ohms; determined by customer application. The long term frequency accuracy is set by an external reference source allowing this device to complete a Phase Lock Loop design without the usual noise and jitter problems associated with PLL's.
627.329 MHz Optical Timing Clock
Absolute Maximum Ratings Rating
DC Suppy Voltage Tune Voltage Case Temperature
Value
0 to 5.5 0 to 6 -55 to 100
Units
VDC VDC C
SMC-08
Electrical Characteristics
Operating Frequency Characteristic Absolute Frequency Tune Range Tune Voltage Tuning Linearity Tuning Sensitivity Modulation Bandwidth Voltage into 50 (VSWR1.2) Sym fO Notes 1, 9 2 1 1, 8 2, 10 1,3 1,3 3, 4, 5 3, 4, 6 3, 4, 6, 7 Minimum 25 0 3% 140 125 0.60 49 300 265 1.1 2:1 51 -30 -60 -70 -100 -120 -150 <1 10 12 1 50 3.13 ppm/V kHz VP-P % dBc dBc dBc/Hz dBc/Hz Typical 627.329 +3 Maximum Units MHz ppm VDC
df/dv VO
Q and Q Output
Operating Load VSWR Symmetry Harmonic Spurious Nonharmonic Spurious Phase Noise dBc/Hz@100Hz offset 1kHz offset 10k offset Noise Floor Q and Q Jitter RMS Jitter No Noise on VCC 200 mVP-P from 1MHz to 1/2 fO on Input Impedence (Tuning Port) Output DC Resistance (between Q & Q) DC Power Supply Operating Voltage Operating Current Operating Case Temperature Lid Symbolization (YY=Year, WW=Week)
3, 4, 6, 7 3, 4, 6, 7 3 1, 3 1, 3 1, 3 1, 3
VCC ICC TC
3.3, 5.0
5.25 70 +85C
-40C RFM OP4014B YYWW
PSP-P PSP-P PSP-P K K VDC mA C
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. COCOM CAUTION: Approval by the U.S. Department of Commerce is required prior to export of this device. Notes:
1. 2. 3. 4. 5. 6. 7. 8. 9. Unless otherwise noted, all specifications include any combination of load VSWR, Vcc, and temperature, with Q and Q terminated into 50 ohm loads to ground (see typical test circuit). Useful tuning range is in excess of what is required over temp, aging, pushing, pulling & accuracy. The design, manufacturing process, and specifications of this device are subject to change without notice. Only under the nominal conditions of 50 load impedance with VSWR 1.2 and nominal power supply voltage. Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q (see timing definitions). Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included in this specification, except where noted. External voltage regulation and careful PCB layout are recommended for optimum performance. Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples. Linearity is a function of the percentage variation from a permitted linear deviation versus the amount of frequency tune range (see linearity definition). One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352.
BLOCK DIAGRAM
V CC
V tune SAW Oscillator Buffer Amplifier
Q _ Q
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com OP4014B-041003
Page 1 of 2
627.329 MHz
SMC-8
Optical Timing Clock
8-Terminal Surface Mount Case
Dimension A B C D
mm MIN 13.46 9.14 MAX 13.97 9.66 MIN 0.530 0.360
Inches MAX 0.550 0.380
1.93 Nominal 3.56 Nominal 2.24 Nominal 1.27 Nominal 2.54 Nominal 3.05 Nominal 1.93 Nominal 5.54 Nominal 4.32 Nominal 4.83 Nominal 0.50 Nominal
0.076 Nominal 0.141 Nominal 0.088 Nominal 0.050 Nominal 0.100 Nominal 0.120 Nominal 0.076 Nominal 0.218 Nominal 0.170 Nominal 0.190 Nominal 0.020 Nominal
ELECTRICAL CONNECTIONS
Terminal Number 1 2 3 4 5 6 7 8 LID Connection
E F G
VCC Ground Enable/Disable Q Output Q Output Ground TUNE Input Ground
1 2 3 4
8
H
7
J
6
K
5
L M
TOP VIEW
N
B
C
D
E
N (X8) A
F (X8)
M G L
(X3)
H (X2) K J
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com OP4014B-041003
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of OP4014B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X