Part Number Hot Search : 
LM258DR2 MAX40 1E9CS 1E9CS LA7054 EG201 CERA56U 15N06V
Product Description
Full Text Search
 

To Download OM4212SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM4212SM
ISOLATED SURFACE MOUNT POWER SCHOTTKY CENTER-TAP RECTIFIER
Hermetic Surface Mount Package 10 Amp, 45 Volt Schottky Center-Tap
FEATURES
* * * * * * * * Hermetic Surface Mount Package Very Low Forward Voltage Low Recovery Charge High Efficiency For Low Voltage Supplies 45V Blocking @ Rated Tjmax 50V Repetitive Surge Voltage Center-Tap Configuration Available Hi-Rel Screened
DESCRIPTION
This series of surface mount devices offer two Schottky barriers arranged in a common cathode configuration and is ideally suited for a full wave output rectifier in low voltage switching power supplies where small size and high reliability are required. Common anode configuration also available.
ABSOLUTE MAXIMUM RATINGS (Tc=25C)Per Diode
Peak Inverse Voltage.............................................................................................45 V Maximum Average D.C. Output Current..................................................................5 A Peak Surge Current (Non-Repetitive, 8.3mS) .......................................................60 A Peak Reverse Transient Current .........................................................................1.0 A Storage Temperature Range .........................................................- 55 C to + 175 C Junction OperatingTemperature Range .........................................- 55 C to + 150 C Package Thermal Resistance, Junction-to-Case ..........................................2.5 C/W
SCHEMATIC
1 2 2 3 3 1
12
PIN CONNECTION
COMMON CATHODE
3 1 23
3.5
Contact factory for common anode, common cathode is standard.
Pin 1: Pin 2: Pin 3: Case:
DC AC AC Isolated
4 11 R1 Supersedes 1 05 R0
3.5 - 67
OM4212SM
ELECTRICAL CHARACTERISTICS (Per Diode)
Symbol VF iR Characteristic Maximum Instantaneous Forward Voltage1 Maximum Instantaneous Reverse Current1 Conditions IF = 5A, TC = 125C IF = 5A, TC = 25C Rated dc Voltage, TC = 125C Rated dc Voltage, TC = 25C Max. Units .600 V .750 V 18 mA 1.0 mA
(1) Pulse Test: Pulse width = 300s, Duty Cycle 2.0%.
TYPICAL FORWARD VOLTAGE
100 70 IR, REVERSE CURRENT (mA) 50 30 20 25C 10 7.0 5.0 3.0 2.0 TJ = 150C 100C 10 100
MAXIMUM REVERSE CURRENT
TJ = 150C 125C 100C 1.0 75C 0.1 25C 0.01
IF, INSTANTANEOUS FORWARD CURRENT (AMPS)
0.001 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
1.0 0.7 0.5 0.3 0.2
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF, INSTANTANEOUS VOLTAGE (VOLTS)
MECHANICAL OUTLINE
.425
.100
3.5
.200
.425 .035 WIDE FLAT 3 PLCS.
.350 MIN.
.020 .115 .160
.020
.080


▲Up To Search▲   

 
Price & Availability of OM4212SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X