Part Number Hot Search : 
1N4777A 208GA ML1XX6 SMCJ28 CD4044 C3796V B2000 83120
Product Description
Full Text Search
 

To Download OM3909SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM3901SC OM3903SC OM3905SC OM3907SC OM3909SC OM3902SC OM3904SC OM3906SC OM3908SC
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
Dual 5V, 12V and 15V, 1.5 Amp Fixed Voltage Regulators In Single Hermetic MO-078AA Package
FEATURES
* * * * * * * Positive And Negative Regulators In One Package Isolated Hermetic Package, JEDEC MO-078AA Output Voltages 5V, 12V and 15V Output Voltages Set Internally To 1.0% Built-In Thermal Overload Protection Short Circuit Current Limiting Similar to Industry Standards 7800 & 7900 Series
DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one hermetically sealed, 5 pin package whose outline is similar to the industry standard TO-247 package. With heat sinking, they can regulate over 1.5 Amp of output current per device. Standard voltages are + or - 5V, 12V and 15V. Output voltages are internally trimmed to 1.0% of nominal voltage. These devices are ideally suited for Military applications where small size and high reliability are required. To order, use the following Omnirel part numbers to determine the required output voltage of each regulator within one package.
PART NUMBER DESIGNATOR
Standard Military Drawing Number 5962-8949002 XX 5962-8949003 XX 5962-8949004 XX 5962-8949005 XX 5962-8949006 XX 5962-8949007 XX 5962-8949008 XX 5962-8949009 XX 5962-8949001 XX Omnirel Part Number OM3901SC OM3902SC OM3903SC OM3904SC OM3905SC OM3906SC OM3907SC OM3908SC OM3909SC Output Voltages Positive Negative +5V -5V +5V -12V +5V -15V +12V -5V +12V -12V +12V -15V +15V -5V +15V -12V +15V -15V
3.3
4 11 R0
3.3 - 107
OM3901SC - OM3909SC
INDIVIDUAL POSITIVE REGULATORS
ELECTRICAL CHARACTERISTICS +5 Volt
Parameter Output Voltage Symbol VOUT VRLINE VIN = 10V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 4.92 Max. 5.08 5.15 5 Unit V V mV mV mV mV mV mV mV mV mA mA mA Test Conditions TA = 25C VIN = 7.5V to 20V Line Regulation (Note 1) VIN = 8.0V to 12V VIN = 7.5V to 20V
* * *
4.85
12 4 10 12
Load Regulation (Note 1)
VRLOAD
IO = 5mA to 1.5 Amp
*
IO = 250mA to 750 mA
25 6
*
Standby Current Drain ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT Output Noise Voltage (Note 3) Long Term Stability (Note 3) DVOUT Dt TA = 25C, t = 1000 hrs. NO TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 7.5V to 20V
15 6
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz 66
2.8
*
60 40
V/V RMS
75
mV
ELECTRICAL CHARACTERISTICS +12 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = 19V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 11.88 Max. 12.12 12.36 18 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = 14.5V to 27V
* *
11.64
Line Regulation (Note 1)
VIN = 14.5V to 27V VIN = 16V to 22V
50 9
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
30 32
* *
60 20 40 6.0
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V IO = 5mA to 1000mA VIN = 15V to 30V
Standby Current Drain Change With Line Standby Current Drain
* * * *
1.5
6.5 0.8
0.5
mA
3.3
Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 61
2.8
*
54 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
120
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range.
3.3 - 108
OM3901SC - OM3909SC
ELECTRICAL CHARACTERISTICS +15 Volt
Parameter Output Voltage Symbol VOUT VRLINE TA = 25C
VIN = 23V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 14.8 Max. 15.2 15.4 20 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions
VIN = 18.5V to 30V Line Regulation (Note 1) VIN = 20V to 26V VIN = 17.5V to 30V
* * *
14.6
50 15 25 35
Load Regulation (Note 1)
VRLOAD
IO = 5mA to 1.5 Amp IO = 5mA to 1.0 Amp IO = 250mA to 750 mA
* *
75 21 45 6.0
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 18.5V to 30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * *
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 54
2.8
*
52 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
150
mV
ELECTRICAL CHARACTERISTICS -5 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = -10V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. -4.95 Max. -5.05 -5.15 12 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = -7.5V to -20V
* *
-4.85
Line Regulation (Note 1)
VIN = -7.5V to -20V VIN = -8.0V to -12V
25 5
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
12 20
* *
25 15 30 2.5
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C VIN = -35V IO = 5mA to 1000mA VIN = -7.0V to -20V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * * *
1.5
3.0 0.4
0.4
mA
2.5 3.3 1.2
V A A A dB dB
3.3
*
f =120 Hz, DVIN = -10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 63
2.8
*
60 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
75
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN =+35V, positive regulator; .VIN = -35V, negative regulator. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range.
3.3 - 109
OM3901SC - OM3909SC
ELECTRICAL CHARACTERISTICS -12 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = -19V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. -11.88 Max. -12.12 -12.36 20 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = -14.5V to -27V
* *
-11.64
Line Regulation (Note 1)
VIN = -14.5V to -27V VIN = -16V to -22V
50 10
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
30 32
* *
60 16 30 3.5
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C, IO = 5mA to 1A VIN = -35V IO = 5mA to 1000mA VIN = -14.5V to -27V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
* * * *
1.5
4.0 0.8
0.5
mA
1.8 3.3 1.2
V A A A dB dB
*
f =120 Hz, DVIN = -10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 56
2.8
*
53 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
120
mV
ELECTRICAL CHARACTERISTICS -15 Volt
Parameter Output Voltage Symbol VOUT VRLINE
VIN = -23V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. -14.85 Max. -15.15 -15.45 25 Unit V V mV mV mV mV mV mV mV mV mA mA mA
Test Conditions TA = 25C VIN = -17.5V to -30V
* *
-14.55
Line Regulation (Note 1)
VIN = -17.5V to -30V VIN = -20V to -26V
50 15
*
Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp
25 35
* *
75 21 45 6.0
Standby Current Drain
ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C VIN = -35V IO = 5mA to 1000mA VIN = -17.5V to -30V
Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage
* * * *
1.5
6.5 0.8
0.5
mA
2.5 3.3 1.2
V A A A dB dB
3.3
Peak Output Current Short Circuit Current (Note 2) Ripple Rejection
*
f =120 Hz, DVIN = -10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 53
2.8
*
50 40
Output Noise Voltage (Note 3) Long Term Stability (Note 3)
V/V RMS
150
mV
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = -35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range.
3.3 - 110


▲Up To Search▲   

 
Price & Availability of OM3909SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X