Part Number Hot Search : 
FB1005L 1CGKW BA5415 ZL30107 ATS040 SF5008 E0052 FMC1K7B3
Product Description
Full Text Search
 

To Download OM1327STM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM1327SMM OM1327NMM OM1327NKM OM1327NTM
OM1327STM OM1327N2M
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages (LM137AHV)
Please see mechanical outlines herein
FEATURES
* * * * * * Similar To Industry Standard LM137AHV Approved To DESC Standardized Military Drawing Number 7703408 Built In Thermal Overload Protection Short Circuit Current Limiting Available In Six Package Styles Maximum Output Voltage Tolerance Is Guaranteed to + 1%
DESCRIPTION
These three terminal negative regulators are supplied in hermetically sealed packages. All protective features are designed into the circuit, including thermal shutdown, current-limiting, and safe-area control. With heat sinking, these devices can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5 amps. The unit also features output voltages that can be fixed from -1.2 volts to -47 volts using external resistors.
ABSOLUTE MAXIMUM RATINGS Tc @ 25C
Power Dissipation Case 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C Thermal Resistance, Junction to Case: Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17C/W Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2C/W Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5C/W Case Y, TO-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0C/W Maximum Output Current: Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5 A Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Recommended Operating Conditions: Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.2 to -47 VDC Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55C to + 125C Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.25 to -51.25 VDC
4 11 R2 Supersedes 1 07 R1
3.5
3.5 - 29
OM1327NTM, OM1327STM, OM1327NKM, OM1327SMM, OM1327NMM, OM1327N2M
ELECTRICAL CHARACTERISTICS
Parameter Reference Voltage Symbol VREF
-55C TA 125C, IL = 8mA (unless otherwise specified) OM1327NTM, OM1327STM, OM1327NKM, OM1327SMM, OM1327NMM
Test Conditions VDIFF = 3.0V, TA = 25C VDIFF = 3.0V VDIFF = 50V, TA = 25C VDIFF = 50V Line Regulation (Note 1) Load Regulation (Note 1) RLOAD VDIFF 50V, 8mA IL 110mA, TA = 25C VDIFF = 5V, 8mA IL 1.5A, TA = 25C RLINE 3.0 V VDIFF 50V, TA = 25C Min. -1.262 Max. -1.238 -1.22 -1.22 -1.22 6 20 25 25 50 5 mV mV mV V Unit
* * *
-1.28 -1.28 -1.28 -6 -20 -25 -25
*
Thermal Regulation VRTH Vin = -14.6V, IL = 1.5A Pd = 20 Watts, t = 10 ms, TA = 25C Ripple Rejection (Note 2) Adjustment Pin Current IAdj RN f = 120 Hz, Vout = Vref CAdj = 10 F VDIFF = 3.0V VDIFF = 40V VDIFF = 50V Adjustment Pin Current Change Miminum Load Current ILmin IAdj VDIFF = 5V, 8mA Iout 1.5A 3V VDIFF 50V, IL 8mA VDIFF = 3.0V, Vout = -1.4V (forced) VDIFF = 10V, Vout = -1.4V (forced) VDIFF = 40V, Vout = -1.4V (forced) VDIFF = 50V, Vout = -1.4V (forced) Current Limit (Note 2) ICL VDIFF = 5V VDIFF = 50V, TA = 25C
-50 -5
* * * * * * * * * * *
66
dB
100 100 100 -5 -6 5 6 3.0 3.0 5.0 5.0 1.5 0.2 3.5 1.0 A mA A A
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. If not tested, shall be guaranteed to the specified limits. 3. The * denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number 7703408M 7703408U 7703408T 7703408Y 7703408N 77034082 Omnirel Part Number OM1327SMM OM1327STM OM1327NTM OM1327NKM OM1327NMM OM1327N2M Omnirel Package Designation SMD-3 TO-257 (Isolated) TO-257 (non-Isolated) TO-3 SMD-1 LCC-20
3.5
3.5 - 30
OM1327NTM, OM1327STM, OM1327NKM, OM1327SMM, OM1327NMM, OM1327N2M
ELECTRICAL CHARACTERISTICS
OM1327N2M
Parameter Reference Voltage Symbol VREF
-55C TA 125C, IL = 8mA (unless otherwise specified)
Min. -1.262 Max. -1.235 -1.22 -1.22 -1.22 -1.22 -1.22 10 25 25 31 50 2 mV mV mV V Unit
Test Conditions VDIFF = 3.0V, TA = 25C VDIFF = 3.0V VDIFF = 40V, TA = 25C VDIFF = 40V VDIFF = 50V, TA = 25C VDIFF = 50V
* * * *
-1.28 -1.28 -1.28 -1.28 -1.28 -10 -25 -25 -31
Line Regulation (Note 1) Load Regulation (Note 1)
RLINE
3.0 V VDIFF 50V, TA = 25C VDIFF 50V, 8mA IL 100 mA, TA = 25C VDIFF = 5V, 8mA IL 500 mA, TA = 25C
RLOAD
*
Thermal Regulation VRTH Vin = -16.25V, IL = 330 mA Pd = 5 Watts, t = 10 ms, TA = 25C Ripple Rejection (Note 2) Adjustment Pin Current IAdj RN f = 120 Hz, Vout = Vref CAdj = 10 F VDIFF = 3.0V VDIFF = 40V VDIFF = 50V Adjustment Pin Current Change Miminum Load Current ILmin IAdj VDIFF = 5V, 8mA Iout 200 mA 3V VDIFF 50V, IL 8mA VDIFF = 3.0V, Vout = -1.4V (forced) VDIFF = 10V, Vout = -1.4V (forced) VDIFF = 40V, Vout = -1.4V (forced) VDIFF = 50V, Vout = -1.4V (forced) Current Limit (Note 2) ICL VDIFF = 5V VDIFF = 50V, TA = 25C
-50 -2
* * * * * * * * * * *
66
dB
100 100 100 -5 -6 5 6 3.0 3.0 5.0 5.0 0.5 0.1 1.8 0.65 A mA A A
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately.
TYPICAL APPLICATION
IPROG + CIN* 1.0F R2 R1 120 CO** + 1.0F
* Cin is required if regulator is located more than 4 inches from power supply filter. A 1 F solid tantalum or 10 F aluminum electrolytic is recommended. ** Co is necessary for stability. A 1 F solid tantalum or 10 F aluminum electrolytic is recommended.
3.5
IAdj VIN -VIN OM1327STM VOUT -VOUT
Vout = -1.25 V (1 +R2) R1
3.5 - 31
OM1327NTM, OM1327STM, OM1327NKM, OM1327SMM, OM1327NMM, OM1327N2M
MECHANICAL OUTLINE
.425
.420 .410
.200 .190 .045 .035 .665 .645 .537 .527
1
.100 .200
3 2
.035 WIDE FLAT 3 PLCS.
.425
.150 .140
.350 MIN.
123
.430 .410
.020
.020 .115 .160
.080
.038 MAX.
.750 .500
OM1327SMM
.005
.035 .025
.100 TYP.
.120 TYP.
Front View Pin 1 - Adjust Pin 2 - Output Pin 3 - Input Case - Isolated
.140
.140 .015 .075 .157
.140 .075
OM1327STM Isolated
Front View Pin 1 - Adjust Pin 2 - Input Pin 3 - Output Tab - Isolated
OM1327NTM Non-Isolated
Front View Pin 1 - Adjust Pin 2 - Input Pin 3 - Output Tab - Input
1
2
.030 MIN.
.415
3
.062
.375
OM1327NMM
Pin 1 - Adjust Pin 2 - Output Pin 3 - Input
1.53 REF. 0.875 MAX. 0.135 MAX. 0.450 0.250 0.312 MIN. SEATING PLANE 0.043 0.038 2 PLCS. 0.225 0.205 0.161 0.151 0.525 R. MAX. 1.197 1.177 0.675 0.655 0.440 0.420
.065 .020 X45 REF.
(.003)
.009 R. 20 PLCS. .040
4
.010
0.188 R. MAX.
.075 (.010) TYP.
9
.025 TYP.
3 1 19
2 1
.003
.085 .025 SQ. TYP.
18 14
.160 SQ. REF.
13
.050 TYP. .040 X45 REF (3 PL)
.050 (.005) TYP.
OM1327N2M
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 VIN NC NC NC NC NC NC NC ADJUST NC Pin 11 Pin 12 Pin 13 Pin 14 Pin 15 Pin 16 Pin 17 Pin 18 Pin 19 Pin 20 NC VOUT VOUT NC NC NC NC NC NC VIN
OM1327NKM
3.5
Pin 1 - Adjust Pin 2 - Output Case - Input
For additional information please see the mechanical outline section.


▲Up To Search▲   

 
Price & Availability of OM1327STM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X