|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LASER DIODE NX8563LA Series 1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS DESCRIPTION The NX8563LA Series is a 1 550 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode module with Single Mode Fiber. It is designed as directly modulation light source and ideal for optical transmission systems. The device is available for Dense Wavelength Division Multiplexing (DWDM) wavelengths based on ITU-T recommendations, enabling a wide range of applications. FEATURES * Peak output power Pf = 10 mW MIN. * Available for DWDM wavelengths based on ITU-T recommendations (100 GHz grid, please refer to the ORDERING INFORMATION) * Internal thermo-electric cooler and isolator * Hermetically sealed 14-pin butterfly package * Single mode fiber pigtail * Wide operation temperature range Document No. PL10428EJ02V0DS (2nd edition) Date Published September 2005 CP(K) The mark shows major revised points. NX8563LA Series PACKAGE DIMENSIONS (UNIT: mm) 15.24 2.54 TOP VIEW 4- 2.67 20.8 #7 #1 8.890.13 10 MIN. 1.25 0.9 12.70.2 7 8 1 14 6.0 + - Cooler PD LD L Thermistor R #14 0.5 20.830.25 26.040.25 Optical Fiber (SMF) Length: 1 000 MIN. Pin No. 1 2 3 4 5 6 7 #8 PIN CONNECTIONS Function Thermistor Thermistor Bias PD Anode PD Cathode Cooler Anode Cooler Cathode Pin No. 8 9 10 11 12 13 14 Function GND GND GND GND, LD Anode Signal Input GND GND 0.3 7.80.2 5.4 1.0 29.970.25 OPTICAL FIBER DIMENSIONS (UNIT: mm) Parameter Outer Diameter Minimum Fiber Bending Radius Fiber Length Specification 0.90.1 30 1 000 MIN. Unit mm mm mm 5.15 352 mm SMF SC-APC : Cut angle 8 SC-UPC Fiber Length: 1 000 mm MIN. 2 Data Sheet PL10428EJ02V0DS 8.990.5 mm NX8563LA Series ORDERING INFORMATION NX8563LA CD : SC-APC CC : SC-UPC Wavelength Code : Refer to Table A Without : 240 km (4 320 ps/nm) S : 100 km (1 800 ps/nm) Table A: DWDM wavelength based on ITU-T recommendations (@TLD = Tset) Wavelength Code ITU-T Wavelength (nm) 303 311 318 326 334 342 350 358 366 373 381 389 397 405 413 421 429 437 445 453 461 469 477 485 493 501 1 530.33 1 531.11 1 531.89 1 532.68 1 533.46 1 534.25 1 535.03 1 535.82 1 536.60 1 537.39 1 538.18 1 538.97 1 539.76 1 540.55 1 541.34 1 542.14 1 542.93 1 543.73 1 544.52 1 545.32 1 546.11 1 546.91 1 547.71 1 548.51 1 549.31 1 550.11 *1 Frequency (THz) 195.90 195.80 195.70 195.60 195.50 195.40 195.30 195.20 195.10 195.00 194.90 194.80 194.70 194.60 194.50 194.40 194.30 194.20 194.10 194.00 193.90 193.80 193.70 193.60 193.50 193.40 Wavelength Code ITU-T Wavelength (nm) *1 Frequency (THz) 193.30 193.20 193.10 193.00 192.90 192.80 192.70 192.60 192.50 192.40 192.30 192.20 192.10 192.00 509 517 525 533 541 549 557 565 573 581 589 597 606 614 1 550.91 1 551.72 1 552.52 1 553.32 1 554.13 1 554.94 1 555.74 1 556.55 1 557.36 1 558.17 1 558.98 1 559.79 1 560.60 1 561.41 *1 The value which omitted and computed the 3rd place below the decimal point Data Sheet PL10428EJ02V0DS 3 NX8563LA Series ABSOLUTE MAXIMUM RATINGS Parameter Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Lead Soldering Temperature Symbol IF VR IF VR TC Tstg Tsld Ratings 300 2.0 10 20 -20 to +85 -40 to +85 260 (10 sec.) Unit mA V mA V C C C ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = -20 to +85C) Parameter Laser Set Temperature Forward Voltage Threshold Current Optical Output Power from Fiber Operation Current Threshold Output Power Quantum Efficiency Peak Emission Wavelength Spectral Line Width Side Mode Suppression Ratio Input Impedance Relative Intensity Noise Rise and Fall Time Input Return Loss Symbol Tset VF Ith Pf Iop Pth IF = Ith CW Pf = 10 mW, CW, TLD = Tset Pf = 10 mW, CW, 3 dB down Pf = 10 mW, under modulation 30 0.142 1 530 0.17 ITU-T 1 35 25 Pf = 10 mW, 20 MHz to 3 GHz 20-80%/80-20%, TC = 25C f = 50 MHz to 3 GHz f = 3 GHz to 6 GHz Band Width Dispersion Penalty BW DP -3 dB, Pf = 10 mW TC = 25C *2 *1 Conditions MIN. 30 TYP. MAX. 45 2.0 Unit C V mA mW Pf = 10 mW 0.9 20 40 IF = Iop, TLD = Tset 10 125 100 mA W W/A p 1 562 5 nm MHz dB SMSR ZIN RIN tr /tf S11 -140 120 6 3 2.5 2.0 dB/Hz ps dB GHz dB *1 Available for DWDM wavelengths based on ITU-T recommendations (100 GHz grid, please refer to the ORDERING INFORMATION) *2 2.48832 Gb/s, PRBS 223-1, duty cycle, Extinction Ratio 8.5 dB, BER = 10-10, NX8563LAS: 1 800 ps/nm (100 km), NX8563LA: 4 320 ps/nm (240 km) 4 Data Sheet PL10428EJ02V0DS NX8563LA Series ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = Tset, TC = -20 to +85C) Parameter Monitor Current Dark Current Tracking Error Symbol Im ID *1 Conditions Pf = 10 mW, VR = 5 V VR = 5 V Im = const. MIN. 100 TYP. MAX. 2 000 10 0.6 Unit A nA dB Pf *1 = 10 log 10 mW Pf (mW) TLD = Tset, TC = 25C 10 Pf TLD = Tset, TC = -20 to +85C 0 Im (@ Pf (25C) = 10 mW) Im ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TLD = Tset, TC = -20 to +85C) Parameter Thermistor Resistance B Constant Cooler Current Cooler Voltage Symbol R B IC VC TLD = 25C Conditions MIN. 9.5 3 350 TYP. 10.0 3 450 MAX. 10.5 3 550 1.2 2.4 Unit k K A V T = 85 - Tset, Pf = 10 mW T = 85 - Tset, Pf = 10 mW Data Sheet PL10428EJ02V0DS 5 4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279 Subject: Compliance with EU Directives CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information. Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*) If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative. Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability. |
Price & Availability of NX8563LAS614-CD |