|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NEC's 1310 nm InGaAsP MQW DFB TOSA NX8312UD FOR SHORT HAUL 2.5 Gb/s APPLICATION FEATURES * INTERNAL OPTICAL ISOLATOR * OPTICAL OUTPUT POWER: Pf = 1.0 mW * LOW THRESHOLD CURRENT Ith = 10 mA TYP @ TC = 25C * WIDE OPERATING TEMPERATURE RANGE: TC = -20 to +85C * InGaAs MONITOR PIN-PD * SMALL PACKAGE o3.8 mm TOSA (Total length 13.0 mm MAX) APPLICATIONS * STM-16 (S-16.1) * SONET OC-48 (IR) DESCRIPTION NEC's NX8312UD is a 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical sub-assembly) with InGaAs monitor PIN-PD in a receptacle type package designed for SFF/SFP transceiver with LC duplex receptacle. California Eastern Laboratories NX8312UD PACKAGE DIMENSIONS (UNIT: mm) 4.750.1 3.40.03 2.92+0.05 -0.17 4.0450.05 BOTTOM VIEW 1 4 OPTICAL REFERENCE PLANE 3 2 12.0 MAX. 6.990.2 1.10.05 0.550.05 (1.1) (2.55) PIN CONNECTIONS 1 (CASE) LD 1.0 6.50.5 4- 0.3 4 PD 3 2 1.43 P.C.D 3.8 NX8312UD ORDERING INFORMATION PART NUMBER NX8312UD-AZ* PACKAGE 3.8 mm TOSA 4 PD 3 PIN CONNECTIONS 1 LD 2 *NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for Pb-Free RoHS Compliance Infomation. ABSOLUTE MAXIMUM RATINGS PARAMETER Optical Output Power from Fiber Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Lead Soldering Temperature SYMBOL Pf IF VR IF VR TC Tstg Tsld RATINGS 5.0 150 2.0 2.0 15 -20 to +85 -40 to +85 350 (3 sec.) UNIT mW mA V mA V C C C NX8312UD ELECTRICAL CHARACTERISTICS PARAMETER Operating Voltage Threshold Current SYMBOL Vop Ith CW CW, TC = 25C Optical Output Power from Fiber Modulation Current Pf Imod CW CW, Pf = 1.0 mW CW, Pf = 1.0 mW, TC = 25C Differential Efficiency d CW CW, TC = 25C Peak Emission Wavelength Side Mode Suppression Ratio Rise Time Fall Time Monitor Current Monitor Dark Current p SMSR tr tf Im ID CW, Pf = 1.0 mW, RMS (-20 dB) CW, Pf = 1.0 mW Ib = Ith, 10-90% Ib = Ith, 90-10% CW, VR = 1.5 V, Pf = 0.5 mW VR = 1.5 V VR = 1.5 V, TC = 25C Tracking Error*1 - Is CW, Im = const. (@ Pf = 1.0 mW) With master pigtail CW, Pf = 1.0 mW -1.5 -1.0 20 100 7 9 0.02 0.035 1 280 30 200 200 2 000 500 50 1.5 1.0 dB dB dB 0.050 20 (TA = -20 to +85C, unless otherwise specified) CONDITIONS CW, Pf = 1.0 mW 2 4 10 1.0 50 30 0.15 0.100 1 335 nm dB ps ps A nA W/A MIN. TYP. 1.2 MAX. 1.6 50 20 mW mA UNIT V mA Connector Repeatability Optical Isolation *1 Tracking Error: Pf (mW) 1.0 Pf TC = 25C TC = -20 to +85C = 10 log Pf 1.0 [dB] 0 Im (mA) Im Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale. 11/23/2004 A Business Partner of NEC Compound Semiconductor Devices, Ltd. 2-4 4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279 Subject: Compliance with EU Directives CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information. Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*) If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative. Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability. 2-5 |
Price & Availability of NX8312UD-AZ |