Part Number Hot Search : 
STD80 MBR1535 1N475 BCW30LT1 330M1 HA13421A LLZ30A 30D04
Product Description
Full Text Search
 

To Download NX8312UD-AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LASER DIODE
NX8311UD
1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
DESCRIPTION
The NX8311UD is a 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical subassembly) with InGaAs monitor PIN-PD in a receptacle type package designed for SFF/SFP transceiver with LC duplex receptacle.
FEATURES
* Applications * Internal optical isolator * Optical output power * Low threshold current * Wide operating temperature range * InGaAs monitor PIN-PD * Small package Pf = 2.0 mW lth = 10 mA TYP. @ TC = 25C TC = -20 to +85C STM-16 (L-16.1), SONET OC-48 (LR)
3.8 mm TOSA (Total length 12.0 mm MAX.)
5.0 mm
Document No. PL10181EJ02V0DS (2nd edition) Date Published July 2003 CP (K)
The mark
shows major revised points. (c) NEC Compound Semiconductor Devices 2002,
NX8311UD
PACKAGE DIMENSIONS (UNIT: mm)
4.750.1 3.40.03
2.92+0.05 -0.17
4.0450.05
BOTTOM VIEW
1 4 OPTICAL REFERENCE PLANE 3 2
12.0 MAX.
6.990.2
1.10.05
0.550.05
(1.1)
(2.55)
PIN CONNECTIONS
1 (CASE)
1.0
LD 4- 0.3 4 2
6.50.5
PD
3
1.43
P.C.D 3.8
2
Data Sheet PL10181EJ02V0DS
NX8311UD
ORDERING INFORMATION (Solder Contains Lead)
Part Number NX8311UD Package Pin Connections
1 LD 4 PD 2
3.8 mm TOSA
3
ORDERING INFORMATION (Pb-Free)
Part Number NX8311UD-AZ* Package Pin Connections
1 LD 4 PD 2
3.8 mm TOSA
3
*NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for PB-Free RoHS Compliance Information.
ABSOLUTE MAXIMUM RATINGS
Parameter Optical Output Power from Fiber Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Lead Soldering Temperature Symbol Pf IF VR IF VR TC Tstg Tsld Ratings 5.0 150 2.0 2.0 15 -20 to +85 -40 to +85 350 (3 sec.) Unit mW mA V mA V C C C
Data Sheet PL10181EJ02V0DS
3
NX8311UD
ELECTRO-OPTICAL CHARACTERISTICS (TC = -20 to +85C, unless otherwise specified)
Parameter Operating Voltage Threshold Current Symbol Vop Ith Conditions CW, Pf = 2.0 mW CW, CW, TC = 25C Optical Output Power from Fiber Modulation Current Pf Imod CW CW, Pf = 2.0 mW CW, Pf = 2.0 mW, TC = 25C Differential Efficiency 7 9 0.04 0.07 1 280 30 200 200 100 2 000 500 50 -1.0 -1.0 20 1.0 1.0 dB dB dB 0.10 20 2 4 10 2.0 50 30 0.29 0.20 1 335 nm dB ps ps W/A MIN. TYP. 1.2 MAX. 1.6 50 20 mW mA Unit V mA
d
CW, Pf = 2.0 mW CW, Pf = 2.0 mW, TC = 25C
Peak Emission Wavelength Side Mode Suppression Ratio Rise Time Fall Time Monitor Current Monitor Dark Current
p SMSR tr tf Im ID
CW, Pf = 2.0 mW, RMS (-20 dB) CW, Pf = 2.0 mW Ib = Ith, 10-90% Ib = Ith, 90-10% CW, VR = 1.5 V, Pf = 1.0 mW VR = 1.5 V VR = 1.5 V, TC = 25C
A
nA
Tracking Error
*1
- Is
CW, Im = const. (@ Pf = 2.0 mW) With master pigtail CW, Pf = 2.0 mW
Connector Repeatability Optical Isolation
*1 Tracking Error:
Pf (mW) TC = 25C 2.0 TC = -20 to +85C Pf
= 10 log
Pf 2.0
[dB]
0
Im
Im (mA)
4
Data Sheet PL10181EJ02V0DS
NX8311UD
TYPICAL CHARACTERISTICS (TC = 25C, unless otherwise specified)
OPTICAL OUTPUT POWER FROM FIBER vs. FORWARD CURRENT
Optical Output Power from Fiber Pf (mW)
SPECTRUM
TC = 25C
2.5
-20 C
C
TC =
2.0
+25
+8 5 C
1.5
1.0
0.5
Relative Intensity
0
20
40
60
80
100
1 298
1 308 Wavelength (nm)
1 318
Forward Current IF (mA)
FORWARD VOLTAGE vs. FORWARD CURRENT
2.5
Forward Voltage VF (V)
2.0
TC = +85C +25C TC = -20C -20C
1.5
1.0
+25C +85C
0.5
0
20
40
60
80
100
Forward Current IF (mA)
Remark The graphs indicate nominal characteristics.
Data Sheet PL10181EJ02V0DS
5
NX8311UD
ERROR RATE CHARACTERISTICS
10
-4
EYE DIAGRAM
10-5
Bit Error Rate
10-6 10-7
back to back after 40 km
10-8 10-9 10-10 10-11 10-12 -38
-36
-34
-32
-30
Back to Back (100 ps/div.)
Average Received Power P (dBm)
Relative Intensity (20 mV/div.)
TC = -20C, Pavg = 0 dBm, EX = 10 dB, 2.48832 Gb/s, PRBS 223-1
ERROR RATE CHARACTERISTICS
10
-4
EYE DIAGRAM
10-5
Bit Error Rate
10-6 10-7
back to back after 40 km
10-8 10-9 10-10 10-11 10-12 -36
-34
-32
-30
-28
Back to Back (100 ps/div.)
Average Received Power P (dBm)
Relative Intensity (20 mV/div.)
TC = 25C, Pavg = 0 dBm, EX = 10 dB, 2.48832 Gb/s, PRBS 223-1
ERROR RATE CHARACTERISTICS
10
-4
EYE DIAGRAM
10-5
Bit Error Rate
10-6 10-7
back to back after 40 km
10-8 10-9 10-10 10-11 10-12 -37
-35
-33
-31
-29
Back to Back (100 ps/div.)
Average Received Power P (dBm)
Remark The graphs indicate nominal characteristics.
6
Data Sheet PL10181EJ02V0DS
Relative Intensity (20 mV/div.)
TC = 85C, Pavg = 0 dBm, EX = 10 dB, 2.48832 Gb/s, PRBS 223-1
NX8311UD
LD 3.8 mm FP-TOSA PACKAGES FAMILY FOR OPTICAL FIBER COMMUNICATIONS
Electro-Optical Characteristics Absolute Maximum Ratings Part Number @TC = 25C Ith (mA) TYP. NX7312UA-AZ* -40 to +85 -40 to +85 8 Pf (mW) TYP. 0.2 MIN. 1 274 @TC C (nm) MAX. 1 356 156 Mb/s: STM-1 (S-1.1) 622 Mb/s: STM-4 (S-4.1) NX7313UA-AZ* NX7314UA-AZ* -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 8 8 0.6 1.0 1 270 1 263 1 355 1 360 1.25 Gb/s: GbE 156 Mb/s: STM-1 (L-1.1) NX7315UA-AZ* 8 0.6 1 266 1 360 2.5 Gb/s: STM-16 (I-16) *NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for PB-Free RoHS Compliance Information. Application Package
TC (C)
Tstg (C)
3.8 mm TOSA
3.8 mm TOSA 3.8 mm TOSA 3.8 mm TOSA
LD 3.8 mm DFB-TOSA PACKAGES FAMILY FOR OPTICAL FIBER COMMUNICATIONS
Electro-Optical Characteristics Absolute Maximum Ratings Part Number @TC = 25C Ith (mA) TYP. NX8310UA-AZ* -40 to +85 -20 to +85 -20 to +85 -20 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 10 Pf (mW) TYP. 2.0 MIN. 1 280 @TC p (nm) MAX. 1 335 622 Mb/s: STM-4 (L-4.1) NX8311UD-AZ* 10 2.0 1 280 1 335 2.5 Gb/s: STM-16 (L-16.1) NX8312UA-AZ* 10 1.0 1 280 1 335 2.5 Gb/s: STM-16 (S-16.1) NX8312UD-AZ* 10 1.0 1 280 1 335 2.5 Gb/s: STM-16 (S-16.1) *NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for PB-Free RoHS Compliance Information. Application Package
TC (C)
Tstg (C)
3.8 mm TOSA 3.8 mm TOSA 3.8 mm TOSA 3.8 mm TOSA
Data Sheet PL10181EJ02V0DS
7
NX8311UD
REFERENCE
Document Name OPTICAL SEMICONDUCTOR DEVICES FOR FIBEROPTIC COMMUNICATIONS SELECTION GUIDE Opto-Electronics Devices Pamphlet Document No. PX10161E PX10160E
8
Data Sheet PL10181EJ02V0DS
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of NX8312UD-AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X