Part Number Hot Search : 
LT3472 NDT452 00000 PS104RS LT3472 10N40 74HC595D KAQV414
Product Description
Full Text Search
 

To Download NX5315EH06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LASER DIODE
NX5315EH
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
DESCRIPTION
The NX5315EH is a 1 310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. This device is designed for application up to 1.25 Gb/s.
APPLICATION
* FTTH PON (B-PON, G-PON, GE-PON 10 km) system
FEATURES
* Optical output power * Low threshold current * Differential Efficiency * InGaAs monitor PIN-PD * CAN package * Focal point Po = 13.0 mW lth = 6 mA
d = 0.5 W/A
* Wide operating temperature range TC = -40 to +85C
5.6 mm
6.35 mm
Document No. PL10531EJ03V0DS (3rd edition) Date Published July 2006 NS CP(K)
The mark shows major revised points. The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
NX5315EH

PACKAGE DIMENSIONS (UNIT: mm)
5.6+0.00 -0.03 ( 4.2)*2 ( 3.55)*2
1.00.1
BOTTOM VIEW
1 2 3 4
(0.3)*2
2.0
1102
(0.3)*2
3.870.3
2.970.2
6.350.5
Focal Point x = 300 m MAX. y = 300 m MAX.
*1
PIN CONNECTIONS
Reference Plane 2 1 (Case) LD 4 PD 3
15.01.0 1.20.1
4- 0.45
2.0
*1 Focal Point: A point to get maximum optical output power from fiber. *2 ( ) indicates nominal dimension.
2
Data Sheet PL10531EJ03V0DS
NX5315EH
ORDERING INFORMATION
Part Number NX5315EH-AZ* Package 4-pin CAN with ball lens cap
2 PD 3
Pin Connections
1 LD 4
Remarks 1. The color of ball lens cap might be observed differently. 2. The hermetic test will be performed as AQL 1.0%. *NOTE: Please refer to the last page of this data sheet, "Compliance with EU Directives" for Pb-Free RoHS Compliance Information.
Data Sheet PL10531EJ03V0DS
3
NX5315EH
ABSOLUTE MAXIMUM RATINGS
Parameter Optical Output Power Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Assembly Temperature Lead Soldering Temperature Relative Humidity (noncondensing) Symbol Po IF VR IF VR TC Tstg Tasb Tsld RH Ratings 20 150 2.0 10 20 -40 to +85 -40 to +85 150 (15 Hr) 350 (3 sec.) 85 Unit mW mA V mA V C C C C %
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C, unless otherwise specified)
Parameter Operating Voltage Threshold Current Differential Efficiency Symbol Vop Ith Po = 13.0 mW Conditions MIN. TYP. 1.1 6 0.40 Po = 13.0 mW, RMS (-20 dB) TC = -40 to +85C Spectral Width Po = 13.0 mW, RMS (-20 dB) TC = -40 to +85C Rise Time Fall Time Monitor Current Monitor Dark Current Monitor PD Terminal Capacitance Fiber Coupling Power Focal Distance tr tf Im ID Ct Pf Df 10-90% 90-10% VR = 1.5 V, Po = 13.0 mW VR = 10 V VR = 10 V, f = 1 MHz Po = 13.0 mW, Optimized Coupling with 8 degree angled SMF 5.85 5 2.0 6.35 6.85 100 0.15 0.15 200 100 20 0.3 0.3 ns ns 1.5 2.8 nm 1 276 0.50 1 352 MAX. 1.5 15 Unit V mA W/A nm
d
C

Center Wavelength
A
nA pF mW mm
4
Data Sheet PL10531EJ03V0DS
NX5315EH

TYPICAL CHARACTERISTICS (TC = -40 to +85C, unless otherwise specified)
OPTICAL OUTPUT POWER vs. FORWARD CURRENT
12
Optical Output Power Po (mW)
OPERATING CURRENT AND THRESHOLD CURRENT vs. CASE TEMPERATURE
100
Operating Current Iop (mA), Threshold Current Ith (mA)
10
TC = -40C +25C +85C
50
Iop
8 6 4 2
Ith
10 5
0
10
20
30
40
50
60
1 -60 -40 -20
0
20
40
60
80
100
Forward Current IF (mA)
Case Temperature TC (C)
TEMPERATURE DEPENDENCE OF CENTER WAVELENGTH
1 350
Center Wavelength C (nm)
1 340 1 330 1 320 1 310 1 300 1 290 1 280 1 270 -60 -40 -20 0 20 40 60 80 100
Case Temperature TC (C)
Remark The graphs indicate nominal characteristics.
Data Sheet PL10531EJ03V0DS
5
NX5315EH

TYPICAL CHARACTERISTICS (TC = 25C, unless otherwise specified)
FORWARD CURRENT vs. FORWARD VOLTAGE
50 15
OPTICAL OUTPUT POWER vs. MONITOR CURRENT
Optical Output Power Po (mW)
Forward Current IF (mA)
40
10
30
20
5
10
0
1
2
3
0
100
200
300
400
500
Forward Voltage VF (V)
Monitor Current Im (A)
SPECTRUM
-10 -20 -30
TOLERANCE OF FIBER COUPLING DISTANCE (Z)
Optical Output Power from Fiber Pf (mW)
3.0
Pf Z SMF Po = 13 mW
2.5 2.0 1.5 1.0 0.5 5.6
Relative Intensity
-40 -50 -60 -70 -80 -90 1 300 1 310 1 320 1 330
5.8
6.0
6.2
6.4
6.6
6.8
Wavelength (nm)
Z-Axis Tolerance Z (mm)
Remark The graphs indicate nominal characteristics.
6
Data Sheet PL10531EJ03V0DS
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of NX5315EH06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X