Part Number Hot Search : 
260CU 90120 TK12E60U SY58605U DSB5822 30N60A 30N60A A2724
Product Description
Full Text Search
 

To Download NV2MQ2CZDC12V08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NV2M
18.2x17.4x13.8 (2A,2C) 18.0x9.5x13.6 (1A,1C) Q Type: 22.8x22.3x20.4 Features
Small size, light weight. Low coil power consumption. Switching capacity up to 20A. PC board mounting. Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities.
Patent No. 01330295.7 023121297
Ordering Information
NV2M
Q
1C Z DC12V
0.6
6 4 EnclosureS: Sealed typeZ: Dust cover 5 Coil rated Voltage(V)DC:12 6 Coil power consumption0.56:0.56W0.6:0.6W0.8: 0.8W
1 2 3 4 5 1 Part numberNV2M 2 NIL:Standard;Q:Quiet type 3 Contact arrangement1A:1A;1C:1C 2A:2A; 2C:2C
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation life Electrical Mechanical 1A SPSTNO , 1C SPDT(B-M) 2A Ag SnO2 NO:20A/14VDC NC:15A/14VDC 280W 40VDC 30m or 30mV at 10A max make time 15s 2y105 107 DPSTNO , 2C DPDT(B-M)
Max. Switching Current:20A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (58%of rated voltage ) 6.9 6.9 6.9 release voltage VDC(min) (9% of rated voltage) 1 1 1
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms 3 3 3
Release Time ms 1.2 1.2 1.2
Rated 012-800 012-600 012-560 12 12 12
Max. 18 18 18 180 240 260
0.8 0.6 0.56
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise <50db Coil voltage :12VDC
125
www.dblectro.com
NV2M
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 of IEC255-5 of IEC255-5
50Hz 500V 50Hz 500V Functional 300m/s2 Survival 450 m/s2 10~100Hz 100 m/s2 Double amplitude 1.5mm 5N 235x2 3x0.5s -40~85 85% (at 40) 5g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3 Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
9.5 1.6 18.0
22.8
13.6
22.3 2 20.4
1C
40.2
3-0.4x0.9
2.2 2-0.55
18.2
6-0.9x0.9
0.3
4-0.4x0.4
17.4
(Quiet type)
13.8
2C
0.4
40.2
6-0.4x0.9
2.2 4-0.55
(Standard Type)
Dimensions
11.3
6- 1.3
4 5
3.8
10 9
3 2 1
8 7 6
18.8 3.2 22.8
Mounting (Bottom views)
mm 0.3 0.4 0.55 0.9 1.3 1.5 1.6 2.0 2.2 2.5 3.2 3.6 3.75 3.8 5.0 9.5 11.25 13.75 13.8 17.4 18.2 18.8 20.4 22.3 22.8
1.5
>acCa
0.012 0.016 0.022 0.035 0.051 0.059 0.063 0.079 0.087 0.098 0.126 0.142 0.148 0.150 0.197 0.374 0.443 0.541 0.543 0.685 0.717 0.740 0.803 0.878 0.898
0.5
1.6
3.8
Wiring diagram(Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
9,5
www.dblectro.com
16.9
3.2


▲Up To Search▲   

 
Price & Availability of NV2MQ2CZDC12V08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X