|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NUF2114MN 2 Line Audio EMI Filter with ESD Protection This device is a 2 line audio EMI filter array designed for speaker applications. It offers greater than -30 dB attenuation at frequencies from 900 MHz to 3.0 GHz. This device also offers ESD protection-clamping transients from static discharges and ESD protection is provided across all capacitors. Features 1 C 4 C R C http://onsemi.com R C 5 8 * Provides EMI Filtering and ESD Protection * Integration of 10 Discretes * Compliance with IEC61000-4-2 (Level 4) * * * * * * * * * * Applications 1 1 U4 = Specific Device Code M = Date Code G = Pb-Free Package Wireless Phones MP3s PDAs Digital Cameras Portable DVDs (Note: Microdot may be in either location) ORDERING INFORMATION Device NUF2114MNT1G Package DFN8 (Pb-Free) Shipping 3000 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. (c) Semiconductor Components Industries, LLC, 2007 March, 2007 - Rev. 2 1 Publication Order Number: NUF2114MN/D U4MG G 4 30 kV (Contact) DFN8, 2x2 mm Package Moisture Sensitivity Level 1 ESD Ratings: Machine Model = C Human Body Model = 3B Matching Series Impedances for Speaker Applications This is a Pb-Free Device (Top View) MARKING DIAGRAM DFN8 CASE 506AA NUF2114MN MAXIMUM RATINGS Parameter ESD Discharge IEC61000-4-2 Steady-State Power per Resistor @ 25C Steady-State Power per Package @ 25C Operating Temperature Range Storage Temperature Range Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 s) Contact Discharge Symbol VPP PR PT TOP Tstg TL Value 30 180 360 -40 to 85 -55 to 150 260 Unit kV mW mW C C C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted) Parameter Maximum Reverse Working Voltage Breakdown Voltage Leakage Current Resistance Capacitance per Diode (Notes 1, 3) Cut-Off Frequency (Note 2) Above this frequency, appreciable attenuation occurs IR = 1.0 mA VRWM = 12 V IF = 40 mA Test Conditions Symbol VRWM VBR IR R Cd f3dB Min - 13.7 - 8.1 51 Typ - 15.7 - 9.0 60 50 Max 12 17.7 0.1 9.9 66 Unit V V mA W pF MHz 1. Measured at 25C, VR = 0 V, f = 1.0 MHz. 2. 50 W source and 50 W load termination. 3. Total line capacitance is 2 times the diode capacitance (Cd). http://onsemi.com 2 NUF2114MN TYPICAL PERFORMANCE CURVES (TA = 25C unless otherwise specified) 0 -5 -10 -15 (S21) dB -20 -25 -30 -35 -40 -45 1.0E+6 10E+6 100E+6 FREQUENCY (Hz) 1.0E+9 10E+9 (S41) dB 0 -10 -20 -30 -40 -50 -60 -70 -80 1.0E+6 10E+6 100E+6 FREQUENCY (Hz) 1.0E+9 10E+9 Figure 1. Insertion Loss Characteristics 8.7 8.6 RESISTANCE (OHMS) CAPACITANCE (pF) 8.5 8.4 8.3 8.2 8.1 -40 130 120 110 100 90 80 70 60 50 -15 10 35 60 85 40 -12 Figure 2. Analog Cross-Talk -8 -4 0 4 8 12 TEMPERATURE (C) REVERSE VOLTAGE (VOLTS) Figure 3. Typical Resistance over Temperature Figure 4. Typical Line Capacitance vs. Reverse Bias Voltage http://onsemi.com 3 NUF2114MN PACKAGE DIMENSIONS DFN8 CASE 506AA-01 ISSUE D D A B PIN ONE REFERENCE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35 2X 0.10 C 2X 0.10 C 0.10 C 8X 0.08 C SEATING PLANE A1 8X L K ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative CCCC CCCC CCCC CCCC D2 e/2 1 8 E TOP VIEW A (A3) C e 4 SIDE VIEW E2 5 8X b 0.10 C A B 0.05 C NOTE 3 BOTTOM VIEW http://onsemi.com 4 NUF2114MN/D |
Price & Availability of NUF2114MN07 |