Part Number Hot Search : 
001544 CY25482 271MH AT24C64D K4N28 PM6900SE X9315WSI 001544
Product Description
Full Text Search
 

To Download NTP75N03-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTP75N03-06, NTB75N03-06 Power MOSFET 75 Amps, 30 Volts
N-Channel TO-220 and D2PAK
This 20 VGS gate drive vertical Power MOSFET is a general purpose part that provides the "best of design" available today in a low cost power package. This power MOSFET is designed to withstand high energy in the avalanche and commutation modes. The Drain-to-Source Diode has a fast response with soft recovery.
Features http://onsemi.com
V(BR)DSS 30 A RDS(on) TYP 5.3 mW @ 10 V ID MAX 75 A
* * * * * * * * * *
Ultra-Low RDS(on), Single Base, Advanced Technology SPICE Parameters Available Diode is Characterized for Use in Bridge Circuits IDSS and VDS(on) Specified at Elevated Temperatures High Avalanche Energy Capability ESD JEDAC Rated HBM Class 1, MM Class B, CDM Class 0 Power Supplies Inductive Loads PWM Motor Controls Replaces MTP1306 and MTB1306
N-Channel D 1 2
4
4
2 1 3
Typical Applications
TO-220AB CASE 221A Style 5 3
D2PAK CASE 418AA Style 2
MARKING DIAGRAMS & PIN ASSIGNMENTS
4 Drain 4 Drain 75 N03-06 YWW 1 Gate 3 Source
G S
75 N03-06 YWW 1 Gate 2 Drain 3 Source
2 Drain
75N03-06 Y WW
= Device Code = Year = Work Week
ORDERING INFORMATION
Device NTP75N03-06 NTB75N03-06 NTB75N03-06T4 Package TO-220 D2PAK D2PAK Shipping 50 Units/Rail 50 Units/Rail 800/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2003
1
December, 2003 - Rev. 4
Publication Order Number: NTP75N03-06/D
NTP75N03-06, NTB75N03-06
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 10 MW) Gate-to-Source Voltage - Continuous Non-repetitive (tp 10 ms) Drain Current - Continuous @ TC = 25C - Continuous @ TC = 100C - Single Pulse (tp 10 ms) Total Power Dissipation @ TC = 25C Derate above 25C Total Power Dissipation @ TA = 25C (Note 1) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting T J = 25C (VDD = 38 Vdc, VGS = 10 Vdc, L = 1 mH, IL(pk) = 55 A, VDS = 40 Vdc) Thermal Resistance - Junction-to-Case - Junction-to-Ambient - Junction-to-Ambient (Note 1) Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds 1. When surface mounted to an FR4 board using the minimum recommended pad size. Symbol VDSS VDGB VGS VGS ID ID IDM PD Value 30 30 20 24 75 59 225 125 1.0 2.5 -55 to 150 1500 Unit Vdc Vdc Vdc Vdc Adc Apk W W/C W C mJ
TJ and Tstg EAS
RqJC RqJA RqJA TL
1.0 62.5 50 260
C/W
C
http://onsemi.com
2
NTP75N03-06, NTB75N03-06
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain -Source Breakdown Voltage (Note 2) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Negative) Zero Gate Voltage Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) (VDS = 30 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 2) Gate Threshold Voltage (Note 2) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 2) (VGS = 10 Vdc, ID = 37.5 Adc) Static Drain-to-Source On Resistance (Note 2) (VGS = 10 Vdc, ID = 75 Adc) (VGS = 10 Vdc, ID = 37.5 Adc, TJ = 125C) Forward Transconductance (Notes 2 & 4) (VDS = 3 Vdc, ID = 20 Adc) DYNAMIC CHARACTERISTICS (Note 4) Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Notes 3 and 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VGS = 5.0 Vdc, 5 0 Vdc ID = 75 Adc, VDS = 24 Vdc) (Note 2) (VGS = 5.0 Vdc, VDD = 20 Vdc, ID = 75 Adc, Vdc Adc ) (Note 2) ) RG = 4.7 W) ( td(on) tr td(off) tf QT Q1 Q2 - - - - - - - 16 130 65 105 57 11 34 30 200 110 175 75 15 50 nC ns (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - 4398 1160 317 5635 1894 430 pF VGS(th) 1.0 - RDS(on) - VDS(on) - - gFS - 0.53 0.35 58 0.68 0.50 - Mhos 5.3 6.5 Vdc 1.6 -6 2.0 - Vdc mVC mW V(BR)DSS 30 IDSS - - IGSS - - - - 1.0 10 100 nAdc - -57 - - Vdc mVC mAdc Symbol Min Typ. Max Unit
SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 75 Adc, VGS = 0 Vdc) (IS = 75 Adc, VGS = 0 Vdc, TJ = 125C) (Note 2) VSD - - - - - - 1.19 1.09 37 20 17 0.023 1.25 - - - - - mC Vdc
Reverse Recovery Time (Note 4) Reverse Recovery Stored Charge (Note 4) (IS = 75 Adc, VGS = 0 Vdc dlS/dt = 100 A/ms) (Note 2)
trr ta tb QRR
ns
2. Pulse Test: Pulse Width v 300 mS, Duty Cycle v 2%. 3. Switching characteristics are independent of operating junction temperatures. 4. From characterization test data.
http://onsemi.com
3
NTP75N03-06, NTB75N03-06
120 ID, DRAIN CURRENT (AMPS) 150 VGS = 3.5 V ID, DRAIN CURRENT (AMPS) 135 120 105 90 75 60 45 30 15 0 0.5 1 1.5 TJ = 25C TJ = 100C TJ = -55C 2.5 3 3.5 4 VDS 10 V
VGS = 4 V VGS = 4.5 V
90
60
VGS = 5 V VGS = 6 V VGS = 8 V VGS = 10 V VGS = 3 V
30
TJ = 25C VGS = 2.5 V
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
2
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO SOURCE RESISTANCE (W)
Figure 2. Transfer Characteristics
0.0075 0.0070 0.0065 0.0060 0.0055 0.0050 0.0045 0.0040 0.0035 0.0030 10 20 30 40 50 60 70 80 90 100 120 ID, DRAIN CURRENT (AMPS) TJ = -55C TJ = 25C VGS = 10 V TJ = 100C
RDS(on), DRAIN-TO SOURCE RESISTANCE (W)
0.009 TJ = 25C 0.008
0.007
VGS = 5 V
0.006
VGS = 10 V
0.005
0.004 0 20 40 60 80 100 120 ID, DRAIN CURRENT (AMPS)
RDS(on), DRAIN-TO SOURCE RESISTANCE (NORMALIZED)
Figure 3. On-Resistance vs. Drain Current and Temperature
1.6 VGS = 10 V ID = 37.5 A 1.4 IDSS, LEAKAGE (nA) 100 1000
Figure 4. On-Resistance vs. Drain Current and Gate Voltage
VGS = 0 V TJ = 125C
1.2
TJ = 100C 10
1
0.8
0.6 -50
1 -25 0 25 50 75 100 125 150 5 10 15 20 25 30 TJ, JUNCTION TEMPERATURE (C) VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation Temperature
Figure 6. Drain-to-Source Leakage Current vs. Voltage
http://onsemi.com
4
NTP75N03-06, NTB75N03-06
12000 VGS VDS 10000 C, CAPACITANCE (pF) 8000 6000 4000 Coss 2000 Crss 0 10 8 6 4 2 0 2 4 6 8 10 12 14 16 18 20 22 25 GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS) VDS = 0 V VGS = 0 V TJ = 25C 10 VGS, GATE-TO-SOURCE VOLTAGE (V) 30
8 VGS 6 VDS QT 4 Q1 Q2 10 2 Q3 0 10 20 30 40 50 Qg, TOTAL GATE CHARGE (nC) 0 60 ID = 75 A TJ = 25C 20
Ciss
0
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
1000 tr IS, SOURCE CURRENT (AMPS)
tf 100 td(off) td(on) TJ = 25C ID = 75 A 1 2.2 4.7 6.2 9.1 VDD = 15 V VGS = 5 V 10 20
10
75 70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 0.0
VGS = 0 V TJ = 25C
t, TIME (ns)
0.2
0.4
0.6
0.8
1.0
RG, GATE RESISTANCE (W)
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation vs. Gate Resistance
EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) 1600 1400 1200 1000 800 600 400 200 0 25 50 75 100
Figure 10. Diode Forward Voltage vs. Current
ID = 75 A
125
150
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Avalanche Energy vs. Starting Junction Temperature
http://onsemi.com
5
NTP75N03-06, NTB75N03-06
PACKAGE DIMENSIONS
TO-220 THREE-LEAD TO-220AB CASE 221A-09 ISSUE AA
-T- B
4 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
http://onsemi.com
6
NTP75N03-06, NTB75N03-06
PACKAGE DIMENSIONS
D2PAK CASE 418AA-01 ISSUE O
C E -B-
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.036 0.045 0.055 0.310 --- 0.100 BSC 0.018 0.025 0.090 0.110 0.280 --- 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.92 1.14 1.40 7.87 --- 2.54 BSC 0.46 0.64 2.29 2.79 7.11 --- 14.60 15.88 1.14 1.40
V W
A
1 2 3
S
-T-
SEATING PLANE
K G D
3 PL M
W J
DIM A B C D E F G J K M S V
0.13 (0.005)
TB
M
STYLE 2: PIN 1. GATE 2. DRAIN 3. SOURCE 4. DRAIN
SOLDERING FOOTPRINT*
8.38 0.33
10.66 0.42
1.016 0.04
6.096 0.24
3.05 0.12 17.02 0.67
SCALE 3:1 mm inches
Figure 12. D2PAK
http://onsemi.com
7
NTP75N03-06, NTB75N03-06
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NTP75N03-06/D


▲Up To Search▲   

 
Price & Availability of NTP75N03-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X