Part Number Hot Search : 
MJE130 MA4ST240 1102D 2SB1016A M66512FP U9014 1N5819 2SD1535
Product Description
Full Text Search
 

To Download NTE999M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE999M Integrared Circuit Programmable Precision Reference
Description: The NTE999M integrated circuit is a three-terminal programmable shunt regulator. This monolithic IC voltage reference operates as a low temperature coefficient zener which is programmable from Vref to 36 volts with two external resistors. This device exhibits a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22. The characteristics of this reference make it an excellent replacement for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and since the NTE999M operates as a shunt regulator, it can be used as either a positive or negative voltage reference. Features: D Programmable Output Voltage to 36 Volts D Voltage Reference Tolerance: 1.0% D Low Dynamic Output Impedance: 0.22 Typical D Sink Current Capability of 1.0 to 100mA D Equivalent Full Range Temperature Coefficient of 50ppm/C Typical D Temperature Compensated for Operation over Full Rated Operating Temperature Range D Low Output Noise Voltage. Absolute Maximum Ratings: (TA = 0 to +70C, unless otherwise noted.) Cathode to Anode Voltage, VKA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37V Cathode Current Range, Continuous, IK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -100 to +150mA Reference Input Current Range, Continuous, Iref . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05 to +10mA Total Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 725mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.8mW/C Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Ambient Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 178C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83C/W Lead Temperature (During Soldering, 1/16" from case for 10sec), TL . . . . . . . . . . . . . . . . . . . +260C
Recommended Operating Conditions Cathode to Anode Voltage, VKA Cathode Current, IK Electrical Characteristics (TA = +25C unless otherwise noted) Characteristic Reference Input Voltage VKA = Vref, IK = 10mA TA = +25C Reference Input Voltage Deviation Over Temperature Range (Note 1, 2) VKA = Vref, IK = 10mA Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage IK = 10mA, VKA = 10V to Vref VKA = 36V to 10V Reference Input Current IK = 10mA, R1 = 10k, R2 = TA = +25C TA = Tlow to Thigh (Note 1) Reference Input Current Deviation Over Temperature Range (Note 1) IK = 10mA, R1 = 10k, R2 = Minimum Cathode Current for Regulation VKA = Vref Off-State Cathode Current VKA = 36V, Vref = 0V Dynamic Impedance (Note 3) VKA = Vref, IK = 1.0mA to 100mA f 1.0kHz Note 1: Tlow = 0C, Thigh = +70C Symbol Vref Vref Vref VKA - - Iref - - Iref Imin Ioff |Zka| - - - - 1.8 - 1.8 0.5 2.6 Min 2.470 Typ
Min Vref 1.0
Max 36 100
Unit V mA
Max 2.520
Unit V
2.495
-
3.0
17
mV mV/V
-1.4 -1.0
-2.7 -2.0 A 4.0 5.2 4.0 1.0 1000 0.5 A mA nA
0.22
Note 2: The deviation parameter Vref is defined as the differences between the maximum and minimum values obtained over the full operating ambient temperature range that applies. Vref = VrefMax -VrefMin TA = T2-T1 Note 2: (cont'd) The average temperature coefficient of the reference input voltage, Vref, is defined as: Vref Vref ppm Vref @ 25C x 106 Vref x 106
= = TA (Vref @ 25C) TA C Vref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
Note 3: The dynamic impedance Zka is defined as: |Zka| =
VKA IK When the device is programmed with two external resistors, R1 and R2, the total dynamic impedance of the circuit is defined as: |Zka'| |Zka| 1+ R1 R2
Pin Connection Diagram
Cathode Anode Anode N.C.
1 2 3 4
8 7 6 5
Reference Anode Anode N.C.
8
5
.256 (6.52) Max
1
4
.393 (10.0) Max .150 (3.81)
.300 (7.62)
.100 (2.54) .300 (7.62)
.070 (1.77) Min


▲Up To Search▲   

 
Price & Availability of NTE999M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X