Part Number Hot Search : 
SM581 XC68HC TDA1905 0459005 C221M LC6527L ES25P80 14082B
Product Description
Full Text Search
 

To Download NTE998 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE998 Integrated Circuit 1.22V Reference Diode
Description: The NTE998 is a temperature compensated low voltage reference device in a TO92 type package. A single monolithic structure is obtained by utilizing transistors and thin film resistors. Benefits of this construction is low noise, low current, and good long term stability associated with modern integrated circuits. These characteristics make this device ideal for applications in battery operated equipment or where low power is necessary. Features: D Low Breakdown Voltage: 1.220V typ D Low Bias Current: 50A D Temperature Stability: .005 to .01%/C Absolute Maximum Ratings: Power Dissipation (free air) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW/C Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Operating Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Electrical Characteristics:
Parameter Reverse Breakdown Voltage Reverse Breakdown Voltage Change Reverse Dynamic Impedance Forward Voltage Drop RMS Noise Voltage Breakdown Voltage Temperatue Coefficient Reverse Current Test Conditions IR = 500A 50A IR 5mA IR = 50A IR = 500A IF = 500A IF = 500A 50A IR 5mA Min 1.20 - - - - - - 0.05 Typ 1.22 15 1 1 0.7 0.7 - Max 1.25 20 2 2 1.0 1.0 5.0 Unit V mV V V %/C mA
0.003 0.01
.135 (3.45) Min .190 (4.8) Max
.500 (12.7) Min
.018 (.045) Dia Max
A
K
.100 (2.54) .160 (4.1) Max .205 (5.2) Max .080 (2.0) Max


▲Up To Search▲   

 
Price & Availability of NTE998

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X