Part Number Hot Search : 
1N03L SPE0534 56HMVC NE542 AL128 AL128 EP8290 A4956
Product Description
Full Text Search
 

To Download NTE997 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE997 Integrated Circuit Quad Operational Amplifier
Description: The NTE997 is a monolithic quad operational amplifier in a 14-Lead DIP type package consisting of four independent high gain, internally compensated operational amplifiers. The specifically designed low noise input transistors allow the NTE997 to be used in low noise signal processing applications such as audio preamplifiers and signal conditioners. The simplified output stage completely eliminates crossover distortion under any load conditions, has large source and sink capacity, and is short- circuit protected. A novel current source stabilizes output parameters over a wide power supply voltage range. Features: D Unity Gain Bandwidth: 3MHz D Continuous Short Circuit Protection D No Frequency Compensation Required D No Latch-Up D Large Common Mode and Differential Voltage Ranges D Parameter Tracking Over Temperature Range D Gain and Phase Match Between Amplifiers Absolute Maximum Ratings: Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Differential Input Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Input Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Internal Power Dissipation (TA = +70C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 670mW Derate Above 70C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.3mW/C Output Short Circuit Duration (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indifinite Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Lead Temperature (During Soldering, 10sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Note 1. For supply voltage less than 15V, the absolute maximum input voltage is equal to the supply voltage. Note 2. Short-circuit may be to GND, one amplifier only. ISC = 45mA (Typical).
Electrical Characteristics: (TA = +25C, VS = 15V unless otherwise specified)
Parameter Input Offset Voltage RS 10k RS 10k, -55 TA +125C Input Offset Current -55 TA +125C Input Bias Current -55 TA +125C Input Resistance Large Signal Voltage Gain RL 2k, VOUT = 10V RL 2k, VOUT = 10V, -55 TA +125C Output Voltage Swing RL 10k RL 2k RL 2k, -55 TA +125C Input Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio Power Consumption TA = -55C TA = +125C Transient Response (Unity Gain) Overshoot Unity Gain Bandwidth Slew Rate (Unity Gain) Channel Separation (Open Loop) RL 2k f = 10kHz, RS = 1k, Gain = 100 Pin Connection Diagram VIN = 20mV, RL = 2k, CL 100pF RS 10k RS 10k Test Conditions Min - - - - - - 0.3 50k 25k 12 10 12 12 70 - - - - - 2.0 - - Typ 0.5 - 5 - 40 - 5.0 300k - 14 13 - 14 90 30 210 240 180 5.0 3.0 1.5 105 Max 5.0 6.0 200 500 500 1500 - - - - - - - - 150 340 400 300 - - - - V V V V dB V/V mW mW mW % MHz V/s dB Unit mV mV nA nA nA nA M
Invert Input A 1 Non-Invert Input A 2 Output A 3 Output B 4 Non-Invert Input B 5 Invert Input B 6 (-) VCC 7
14 Invert Input D 13 Non-Invert Input D 12 Output D 11 (+) VCC 10 Output C 9 Non-Invert Input C 8 Invert Input C
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE997

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X