Part Number Hot Search : 
M1312 NZH6V8B AP230 133BGC DC900 AP230 5310F 2SK2679
Product Description
Full Text Search
 

To Download NTE990 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE990 Integrated Circuit Dual Audio Power Amplifier
Description: The NTE990 is a monolithic dual power amplifier designed to deliver 2W/channel continuous into 8 loads. The NTE990 is designed to operate with a low number of external components, and still provide flexibility for use in stereo phonographs, tape records and AM-FM stereo receivers, etc. Each power amplifier is biased from a common internal regulator to provide high power supply rejection, and output Q point centering. The NTE990 is internally compensated for all gains greater than 10. Features: D D D D D D D D D D D D D D D 2W/channel -65 dB Ripple Rejection, Output Referred -65 dB Channel Separation, Output Referred Wide Supply Range: 6V to 24V Very Low Cross-Over Distortion Low Audio Band Noise AC Short Circuit Protected Internal Thermal Shutdown Multi-Channel Audio Systems Stereo Phonographs Tape Recorders and Players AM-FM Radio Receivers Servo Amplifiers Intercom Systems Automotive Products
Applications:
Absolute Maximum Ratings: Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26V Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7V Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 10sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C
Electrical Characteristics: (VS = 20V, TA = +25C, RL = 8, AV = 50 (34 dB) unless otherwise specified)
Parameter Total Supply Current Output Power Total Harmonic Distortion PO= 0W THD = 10% f = 1kHz, VS = 14V PO = 50mW/Ch PO = 500mW/Ch PO = 1W/Ch Output Swing Channel Separation RL = 8 CF = 50F, CIN = 0.1F, f = 1kHz, Output Referred CF = 50F, CIN = 0.1F, f = 120Hz, Output Referred VS = 20V, VO = 4Vrms VS = 7V, VO = 0.5Vrms VS = 20V, Vripple = 1Vrms VS = 7V, Vripple = 0.5Vrms Test Conditions Min - 2.0 - - - - -50 - -50 - - - - - - Open Loop VS = 20V - 9 - - - Typ 25 - 0.075 0.045 0.055 VS -6 -70 -60 -65 -40 2.5 0.8 70 15 50 4 10 2.0 65 1.0 Max 50 - - - - - - - - - - - - - - - 11 - - - Unit mA W/Ch % % % VP-P dB dB dB dB A mV dB mV nA M V V/s kHz A
Power Supply Rejection Ratio
Equivalent Noise Input
RS = 0, CIN = 0.1F, BW = 20Hz to 20kHz, Output Noise Wideband RS = 0, CIN = 0.1F, AV = 200
Open Loop Gain Input Offset Voltage Input Bias Current Input Impedance DC Output Level Slew Rate Power Bandwidth Current Limit
RS = 0, f = 100kHz, RL = 8
Note 1 For operation at ambient temperature greater than +25C, the NTE990 must be derated based on a maximum 150C junction temperature using a thermal resistance which depends upon device mounting techniques..
Pin Connection Diagram
Bias 1 Output 1 2 GND 3 GND 4 GND 5 Input 1 6 Feedback 1 7
14 VCC 13 Output 2 12 GND 11 GND 10 GND 9 8 Input 2 Feedback 2
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE990

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X