Part Number Hot Search : 
00103 P89C52 2DGES 2700498 2SK1990 HIT562 IRF95 E7733S4L
Product Description
Full Text Search
 

To Download NTE977 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE950/NTE951/NTE977 Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
Description: The NTE950, NTE951, and NTE977 are positive 3-terminal voltage regulators in available in a TO92 type package. With adequate heat sinking these regulators can deliver 100mA output current. Current limiting is included to limit peak output current to safe value. Safe area protection for the output transistors is provided to limit internal power dissipation. If internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the IC from overheating. When used as a zener diode/resistor combination replacement, these devices usually result in an effective output impedance improvement of two orders of magnitude, and lower quiescent current. These regulators can provide local on card regulation, eliminating the distribution problems associated with single point regulation. Typical applications include use in logic systems, instrumentation, HiFi, and other solid state electronic equipment. Although designed primarily as fixed voltage regulators these devices can be used with external components to obtain adjustment voltages and currents. Features: D Output Voltage Tolerances of 5% over the Temperature Range D Output Current of 100mA D Internal Thermal Overload Protection D Output Transistor Safe Area Protection D Internal Short Circuit Current Limit Absolute Maximum Ratings: Output Voltage, VOUT NTE977 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V NTE950 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V NTE951 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Input Voltage, VIN NTE977 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V NTE950, NTE951 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Internal Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +150C Lead Temperature (Soldering, 10 sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Note 1. Thermal resistance is typically +60C/W junction to case, +232C/W junction to ambient, and +88C/W junction to ambient at 400ft min of air. The maximum junction temperature shall not exceed +125C on Electrical parameters.
Electrical Characteristics: (TJ = 0 to +125C, IO = 40mA, CIN = 0.33F, CO = 0.1F, Note 2 unless otherwise specified)
NTE Type Number Input Voltage (unless otherwise specified) Parameter Output Voltage (Note 4) Symbol VO Test Conditions TJ = +25C 1mA IO 70mA 1mA IO 70mA VMIN VIN VMAX Line Regulation VO TJ = +25C NTE977 VIN = 10V Min 4.8 4.75 4.75 5.0 - - 5.2 NTE950 VIN = 19V Typ Max Min 14.4 11.5 12.0 12.5 - - NTE951 VIN = 23V Typ 15.0 - - Max 15.6 15.75 15.75 Unit V V V
Typ Max Min
5.25 11.4 5.25 11.4
12.6 14.25 12.6 14.25
(7 VIN 20) - 10 54 (8 VIN 20) - 18 75 (7 VIN 20)
(14.5 VIN 27) - 20 110 (16 VIN 27) - 30 180 (14.5 VIN 27) - - - - - - - 10 30 24 3 - - - 50 100 - 5 4.7 0.1 1.0
(17.5 VIN 30) - 25 140 mV V mV V mV mV mV 1000Hrs mA mA mA mA V V dB V V (20 VIN 30) - 37 250 (17.5 VIN 30) - - - - - - - 12 35 30 3.1 - - - 75 150 - 5 4.7 0.1 1.0
Load Regulation
VO
TJ = +25C, 1mA IO 40mA TJ = +25C, 1mA IO 100mA
- - -
5 20 12 3 - - -
30 60 - 5 4.7 0.1 1.0
Long Term Stability Quiescent Current
VO IQ IQ TJ = +25C TJ = +125C 1mA IO 40mA VMIN VIN VMAX Vn VIN VOUT TJ = +25C, Note 3, f = 10Hz to 10kHz f = 120Hz
- - - -
Quiescent Current Change
(8 VIN 20) Output Noise Voltage Ripple Rejection - 47 40 62 - -
(16 VIN 27) - 40 80 54 - -
(20 VIN 30) - 37 90 51 - -
(8 VIN 16) TJ = +25C 7 - -
(15 VIN 25) 14.5 - -
(18.5 VIN 28.5) 17.5 - -
Input Voltage Required to Maintain Line Regulation
Note 2. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperatures as indicated at the initiation of test. Note 3. Recommended minimum load capacitance of 0.01F to limit high frequency noise bandwidth. Note 4. The temperature coefficient of VOUT is typically within 0.01% VO/C.
.135 (3.45) Min
.210 (5.33) Max
Seating Plane
.500 (12.7) Min
.021 (.445) Dia Max
VOUT GND
VIN
.100 (2.54) .050 (1.27)
.105 (2.67) Max .205 (5.2) Max
.165 (4.2) Max .105 (2.67) Max


▲Up To Search▲   

 
Price & Availability of NTE977

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X