Part Number Hot Search : 
RF101L4S K2P60D DSFT311D PAT0816 LA4535M 2SA937M KE200 MA4P604
Product Description
Full Text Search
 

To Download NTE9094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE9093 & NTE9094 Integrated Circuit Diode Transistor Logic (DTL) Dual J-K Flip-Flop
Absolute Maximum Ratings: (Above which useful life may be impaired) VCC Pin, Potential to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +8.0V VCC, Pulsed, 1 Second . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Input Voltage, Applied to Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.5 to 5.5V Voltage Applied to Output when Output is High . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VCC Input Current, Into Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA Current Into Output when Output is Low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Ambient Temperature Range Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 60sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Note 1. The NTE9093 is a discontinued device and no longer available. Electrical Characteristics: (TA = +25C, VCC = 5V 10% unless otherwise specified)
Parameter Output High Voltage NTE9093 NTE9094 Output Low Voltage NTE9093 NTE9094 Input High Voltage Input Low Voltage Input Leakage Current, All J-K, S, C, SD, CD Inputs Input Leakage Current, CP Inputs Input Current, All J, K, S, C Inputs Input Current, SD or CD Input Current, CP Inputs NTE9093 NTE9094 VIH VIL IR IRCP IF VOL Symbol VOH Test Conditions VCC = 4.5V, IOH = -180A VCC = 4.5V, IOH = -540A VCC = 4.5V, IOL = 12mA VCC = 4.5V, IOH = 13mA Guaranteed Input High Threshold for All Inputs Guaranteed Input Low Threshold for All Inputs VCC = 5.5V, VR = 4V, GND on Other Inputs VCC = 5.5V, VR = 4V, GND on Other Inputs VCC = 5.5V, VF = 0.4V, 4V on Other Inputs Min 2.5 2.5 - - 1.9 - - - - - - - Typ 3.3 3.3 0.25 0.25 - - - - Max - - 0.4 0.4 - 1.1 2.0 10 Unit V V V V V V A A mA mA mA mA
-0.82 -0.98 -1.8 -2.2
-2.40 -2.93 -1.93 -2.35
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 5V 10% unless otherwise specified)
Parameter Input Current, All J, K, S, C Inputs Input Current, SD or CD Input Current, CP Inputs NTE9093 NTE9094 Symbol IF Test Conditions VCC = 4.5V, VF = 0.4V, 4V on Other Inputs Min - - - - IPD VCC = 5V, All Inputs Open, Momentary GND on SD - - Typ Max Unit mA mA mA mA mA mA -0.62 -0.76 -1.39 -1.70 -1.85 -2.26 -1.50 -1.83 16.6 19.8 28.0 32.4
VCC Current NTE9093
NTE9094
Switching Characteristics (TA = +25C, VCC = 5V) Clock to Output NTE9093
NTE9094 tpd+ 35 30 tpd- 30 30 tset-up trelease 35 - - - - - 22 14 75 65 75 75 - 10 ns ns ns ns ns ns
Clock to Output NTE9093
NTE9094
Set-Up Time Release Time
Truth Table: Synchronous Operation
Before Clock Outputs One L L H H Zero H H L L J L H X X Inputs K X X L H Outputs After Clock One L H H L Zero H L L H
Truth Table: Asynchronous Operation
Inputs SD L L H H CD L H L H One H H L Outputs Zero H L H
State determined by synchronous inputs and clock input
Pin Connection Diagram
CP 1 1 K1 2 J1 3 SD 1 4
14 VCC 13 CP 2 12 K 2 11 J 2 10 SD 2 9 Q2 8 Q2
Q1 5 Q1 6 GND 7
14
8
1
7
.785 (19.95) Max .200 (5.08) Max
.300 (7.62)
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE9094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X