Part Number Hot Search : 
UA7915UC M30GD6 SO942960 AK4706VQ AT1142 FM2123 ON1489 LT1055CH
Product Description
Full Text Search
 

To Download NTE823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE823 Integrated Circuit Low Voltage Audio Amplifier
Description: The NTE823 is an audio power amplifier in an 8-Lead DIP type package designed for use in low voltage consumer applications. Absolute Maximum Ratings: Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 660mW Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4 Volts Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Lead Temperature (During Soldering, 10 sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Electrical Characteristics: (TA = +25C, VS = 6V unless otherwise specified)
Parameter Operating Supply Voltage Quiescent Current Power Output Voltage Gain Bandwidth Total Harmonic Distortion Power Supply Rejection Ratio Output Resistance Output Bias Current Symbol VS ICC PO AV BW THD PSRR ZO Pin2 and Pin3 Open VIN = 0 RL = 8 f = 1kHz, 10f from Pin1 to Pin8 Pin1 and Pin8 Open RL = 8 , PO = 125mW, f = 1kHz, Pin1 and Pin8 Open f = 1kHz, Cbypass = 10f, Pin1 and Pin8 Open Test Conditions Min 4 - 250 - - - 250 - - Typ - 4 325 26 300 0.2 - 50 250 Max 12 8 - - - - - - - Unit V mA mW dB kHz % dB k nA
Application Hints: To make the NTE823 a more versatile amplifier, two pins (Pin1 and Pin8) are provided for gain control. With Pin1 and Pin8 open the 1.35k resistor sets the gain at 20 (26dB). If a capacitor is put from Pin1 to Pin8, bypassing the 1.35k resistor, the gain will go up to 200 (46dB). If a resistor is placed in series with the capacitor, the gain can be set to any value from 20 to 200. Gain control can also be done by capacitively coupling a resistor (or FET) from Pin1 to GND. Additional external components can be placed in parallel with the internal feedback resistors to tailor the gain and frequency response for individual applications. For example, we can compensate poor speaker bass response by frequency shaping the feedback path. This is done with a series RC from Pin1 to Pin5 (paralleling the internal 15k resistor). For 6dB effective bass boost: R 15k, the lowest value for good stable operation is R = 10k if Pin8 is open. If Pin1 and Pin8 are bypassed then R as low as 2k can be used. This restriction is because the amplifier is only compensated for closed- loop gains than 9V/V. Input Biasing: Pin2 and Pin3 of the NTE823 are biased to GND with a 50k resistor. The base current of the input transistors is about 250nA, so the inputs are at about 12.5mV when left open. If the DC source resistance driving the NTE823 is higher than 250k it will contribute very little additional offset (about 2.5mV at the input, 50mV at the output). If the DC source resistance is less than 10k, then shorting the unused input to GND will keep the offset low (about 2.5mV at the input, 50mV at the output). For DC source resistances between these values we can eliminate excess offset by putting a resistor from the unused input to ground, equal in value to the DC source resistance. Of course all offset problems are eliminated if the input is capacitively coupled. When using the NTE823 with higher gains (bypassing the 1.35k resistor between Pin1 and Pin8) it is necessary to bypass the unused input, preventing degradation of gain and possible instabilities. This is done with a 0.1F capacitor or a short to GND depending on the DC source resistance on the driven input.
Pin Connection Diagram
Gain (-) Input (+) Input GND
1 2 3 4
8 7 6 5
Gain Bypass VS Vout
8
5
.260 (6.6)
1
4
.390 (9.9) Max .155 (3.93)
.300 (7.62)
.100 (2.54) .300 (7.62)
.145 (3.68)


▲Up To Search▲   

 
Price & Availability of NTE823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X