Part Number Hot Search : 
P9430 DC718B 0000F 01CA3AKR 54104 APPLE KTY82210 00101
Product Description
Full Text Search
 

To Download NTE790 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE790 Integrated Circuit Dual Chroma Demodulator
Description: The NTE790 has two sets of synchronous detectors with matrix circuits to achieve the R-Y, G-Y and B-Y color difference output signals. The chroma input signal is applied to Pin3 and Pin4 while the oscillator injection signal is applied to Pin6 and Pin7. The color difference signals, after matrix, have a fixed relationship of amplitude and phase nominally equal DC voltage levels. The outputs of the NTE790 are suitable for driving high level color difference or R, G, B output amplifiers. Emitter-follower output stages used to drive the high level color amplifiers have short-circuit protection. Absolute Maximum Rating: (TA = +25C unless otherwise specified) DC Supply Voltage (Pin8 to Pin14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27V Reference Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5Vp-p Chroma Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5Vp-p Total Device Dissipation (Up to TA = +70C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 530mW Derate Above TA = +70C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.7mW/C Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Storage Temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 1/32" from seating plane, 10sec max), TL . . . . . . . . . +265C Electrical Characteristics: (TA = +25C and V+ = 24V unless otherwise specified)
Parameter Static Characteristics Supply Current With Output Loads With No Output Loads G-Y, R-Y, B-Y Outputs Chroma Inputs Reference Subcarrier Demodulator Unbalance Maximum Color Difference Output Voltage IT S1 Closed S1 Open V9, V11, V13 S1 Closed V3, V4 V6, V7 V13 V11 V9 S1 Open S1 Open V3 = v4 = 0.6Vp-p 16.5 - - 9 26.5 - mA mA V V V Vp-p Vp-p Vp-p Vp-p Symbol Test Conditions Min Typ Max Unit
13.2 14.7 15.8 - - - 8.0 5.5 1.2 3.3 6.2 - - - - - - 0.8 - - -
V9, V11, V13 V3 = V4 = 0
Electrical Characteristics (Cont'd): (TA = +25C and V+ = 24V unless otherwise specified)
Parameter Chroma Input Sensitivity Relative R-Y Output Relative G-Y Output VDC Difference Between any two Output Pins Input Impedance Reference Subcarrier Input Capacitance Reference Subcarrier Input Impedance at Chroma Inputs Input Capacitance at Chroma Inputs Output Resistance Symbol V3 V11 V9 |V9|-|V13| ri6, 7 ci6, 7 ri3, 4 ci3, 4 ro Pin Connection Diagram ec = 0 Test Conditions Adjust ec for 5V @ Pin13 (B-Y) Min - 3.5 0.75 - - - - - - Typ 0.2 - - - 1.7 6 0.95 6 180 Max Unit 0.35 Vp-p 4.2 Vp-p V k pF k pF 1.25 Vp-p 0.6 - - - - -
N.C. N.C. (-) Chroma (+) Chroma N.C. R - Y Injection B - Y Injection
1 2 3 4 5 6 7
14 GND 13 B - Y Output 12 N.C. 11 R - Y Output 10 N.C. 9 8 G - Y Output VCC
14
8
1
7
.785 (19.95) Max .200 (5.08) Max
.300 (7.62)
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE790

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X