Part Number Hot Search : 
G150N50W 61600 CMOZ5V1 TLGD262 L6551 319211B AD822 2SB861
Product Description
Full Text Search
 

To Download NTE7152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7152 Integrated Circuit Hybrid Switching Voltage Regulator
Features: D Built-In Power Transistor NPN Triple Diffused Planar D On-Line SMPS for Color TV D Output Voltage is Pre-Fixed - No External Adjustment is Required Absolute Maximum Ratings: Peak Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900V Input Current, IIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Power Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27W Maximum Power Transistor Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range (TC), Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Electrical Characteristics: (Note 1)
Parameter Output Voltage Detecting Voltage (Fixed Output) Load Regulation Symbol VO VO Test Conditions VIN = 220V, IO = 500mA IIN = 6mA VIN = 220V, IO = 300mA to 500mA Output Ripple Output Voltage Temperature Coefficient Saturation Voltage VCE(sat) VBE(sat) DC Current Gain Collector Cutoff Current Emitter Cutoff Current Power Transistor Thermal Resistance Switching Time hFE ICEX IEBO RthJC ts tf VIN = 180V, IO = 500mA, Note 2 TC = -20 to +100C, IIN = 6mA IC = 2A, IB = 400mA IC = 2A, IB = 400mA IC = 1A, VCE = 4V VCE = 900V, VBE = -1.5V VBE = 5.5V Between Junction and Stem Upper Surface VCE = 250V, IC = 1A, IB1 = 150mA, IB2 = 500mA Min 101.5 102.4 Typ 103.0 103.4 Max 104.5 104.4 Unit V V V V
RegLOAD VIN = 180V to 280V
Initial Value 1 Initial Value 1 (DVIN/DVO) x 100 1% Typ. - - - 10 - - - - - 4 - - - - - 1.8 - - - 1.0 1.5 30 1.0 1.0 - 7 1
mV/C V V
mA mA C/W s s
Note 1. Recommended Case Temperature: Topr = +100C. Note 2. DVIN: Input Ripple Voltage DVO: Output Ripple Voltage
Pin Connection Diagram (Front View)
5 VOUT Continuous 4 Output 3 Input 2 Base Drive 1 Common (-)
.700 (17.7)
.177 (4.5)
.700 (17.7)
.177 (4.5)
.196 (5.0)
1.101 (527.9)
1
2
3
4
5 .133 (3.4)
OR
1
2
3
4
5
1.691 (42.9)
.276 (7.0) .590 (15.0) .237 (6.0)
.100 (2.54) .500 (12.7)
.150 (3.8)
.100 (2.54) .500 (12.7)
.150 (3.8)
.177 (4.5)


▲Up To Search▲   

 
Price & Availability of NTE7152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X