Part Number Hot Search : 
RC120 Z15D820 300000 MAX731 PC400 PE91002 MMBT1815 16C552
Product Description
Full Text Search
 

To Download NTE7145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7145 Intergrated Circuit 18W BTL x 2 Ch Audio Power Amplifier
Description: The NTE7145 is a stereo audio power IC in a 17-Lead Staggered SIP type package designed for car audio use. This device has 2 built-in channels to reduce the characteristics difference between L and R channels. In addition, the functions of stand-by, muting, and a variety of protections circuits are involved. Features: D High Power: POUT(1) = 18W (Typ)/Channel (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4) POUT(2) = 15W (Typ)/Channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4) D Low Distortion Ratio: THD = 0.04% (Typ) (VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4, GV = 50dB) D Low Noise: VNO = 0.30mVrms (Typ) (VCC = 13.2V, RL = 4, GV = 50dB, Rg = 0, BW = 20Hz to 20kHz) D Built-In Stand-By Function (With Pin4 set at Low, Power is Turned OFF): ISB = 1A (Typ) D Built-In Muting Function (With Pin1 set at Low, Power is Turned OFF): V (Mute) = 1V (Typ) D Built-In Various Protection Circuits: Thermal Shut Down Overvoltage OUTVCC Short OUTGND Short OUT-OUT Short D Operating Supply Voltage: VCC = 9V to 18V Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Peak Supply Voltage (0.2s), VCCsurge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V DC Supply Voltage, VCCDC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V OPerating Supply Voltage, VCCopr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Output Current (Peak), IO(peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C
Electrical Characteristics: (TA = +25C, VCC = 13.2V, RL = 4, f = 1kHz, unless otherwise specified)
Parameter Quiescent Supply Current Output Power Total Harmonic Distortion Voltage Gain Output Noise Voltage Ripple Rejection Ratio Input Resistance Output Offset Voltage Current at Stand-By State Crosstalk Pin4 Control Voltage Pin1 Control Voltage Symbol ICCQ POUT THD GV VNO RR RIN Voffset ISB CT V(SB) V(MUTE) Rg = 600, VOUT = 0.775Vrms (0dBm) Stand-ByOFF (PowerON) MuteON (PowerOFF) Pin Connection Diagram (Front View)
17 16 15 14 13 12 11 Power VCC2 Output 2 Output 1 GND 1
Test Conditions VIN = 0 VCC = 14.4V, THD = 10% THD = 10% POUT = 1W Rg = 0, BW = 20Hz to 20kHz fripple = 100Hz, Rg = 600 VIN = 0
Min - - 11 - 48 - 40 - -0.3 - - 2.5 -
Typ 120 18 15 0.04 50 0.3 54 30 0 1 60 - 1.0
Max 250 - - 0.4 52 0.7 - - +0.3 10 - VCC 2.0
Unit mA W W % dB mVrms dB k V A dB V V
GND 2 Output 4 Output 3 10 Power VCC1 9 Pre-VCC 8 Ripple 7 Input 2 6 NF 2 5 Pre-GND 4 Stand-By Switch 3 NF 1 2 Input 1 1 Mute Switch
1.440 (36.6) 1.180 (30.0)
.197 (5.0)
.154 (3.9) 1 17
.670 (17.0) .394 (10.0) .550 (14.0)
.197 (5.0)
.079 (2.0)
.079 (2.0) .101 (2.56)


▲Up To Search▲   

 
Price & Availability of NTE7145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X