Part Number Hot Search : 
U6306 ST72T SMZ91 ST72T ST72T 46581 NCV8401 ST72T
Product Description
Full Text Search
 

To Download NTE7141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7141 Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
Description: The NTE7141 is a dual, operational amplifier in an 8-Lead Mini-DIP type package that combines the advantages of MOS and bipolar transistors on the same monolithic chip. The gate-protected MOSFET (PMOS) input transistors provide high input impredance and a wide common-mode input voltage range (typically to 0.5V below the negative supply rail). The bipolar output transistors allow a wide output voltage swing and provide a high output current capability. Features: D Internally Compensated D MOSFET Input Stage: Very High Input Impedance Very Low Input Current Wide Common-Mode Input Voltage Range Rugged Input Stage - Bipolar Diode Protected D Directly Replaces Industry Type 1458 in Most Applications D Operation From 4V-to-36V Single or Dual Supplies D Characterized for 15V Operation for TTL Supply Systems with Operation down to 4V D Wide Bandwidth D High Voltage-Follower Slew Rate D Output Swings to Within 0.5V of Negative Supply at V+ = 5V, V- = 0 Applications: D Ground-Referenced Single-Supply Amplifiers in Automobile and Portable Instrumentation D Sample and Hold Amplifiers D Long-Duration Timers/Multivibrators (Microseconds - Minutes - Hours) D Photocurrent Instrumentation D Active Filters D Intrusion Alarm Systems D Comparators D Instrumentation Amplifiers D Function Generators D Power Supplies
Absolute Maximum Ratings: DC Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 to 36V or 2 to 18V Differential-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V Common-Mode DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V) Input-Terminal Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA Device Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 630mW Derate Linearly Above +55C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.67mW/C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 1/16" from case, 10sec max), TL . . . . . . . . . . . . . . . . . +265C Output Short-Circuit Duration (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Unlimited Note 1. Short circuit may be applied to GND or to either supply. Temperature and/or supply voltages must be limited to keep dissipation within maximum rating. Electrical Characteristics: (V+ = +15V, V- = -15V unless otherwise specified)
Parameter Input Offset Voltage Symbol |VIO| |IIO| II AOL Test Conditions TA = +25C TA = -40 to +85C Input Offset Current TA = +25C TA = +85C Input Current TA = +25C TA = +85C Large-Signal Voltage Gain Note 2 TA = +25C TA = -40 to +85C Common-Mode Rejection Ratio CMRR TA = +25C TA = -40 to +85C Common-Mode Input-Voltage Range VICR TA = +25C Min - - - - - - 20k 86 - - - 70 - - -15 Typ 5 10 0.5 32 10 640 100k 100 63k 96 32 90 32 90 -15.5 to +12.5 -15 to +12.3 100 80 150 76 Max 15 - 30 - 50 - - - - - 320 - - - +11 Unit mV mV pA pA pA pA V/V dB V/V dB V/V dB V/V dB V
TA = -40 to +85C VIO/V TA = +25C PSSR VIO/V TA = -40 to +85C PSSR
-
-
V
Power Supply Rejection Ratio
- 76 - -
150 - - -
V/V dB V/V dB
Note 2. VO = 26VP-P, +12V, -14V and RL = 2k.
Electrical Characteristics (Cont'd): (V+ = +15V, V- = -15V unless otherwise specified)
Parameter Maximum Output Voltage Symbol VOM+ VOM- TA = +25C, Note 3 VOM+ VOM- Supply Current, For Both Amps I+ TA = +25C TA = -40 to +85C Total Device Dissipation PD TA = +25C TA = -40 to +85C Temperature Coefficient of Input Offset Voltage Input Resistance Input Capacitance Output Resistance Equivalent Wideband Input Noise Voltage Short-Circuit Current to Opposite Supply Source Sink Gain-Bandwidth Product Slew Rate Transient Response: Rise Time Overshoot Setting Time at 10VP-P 1mV 10mV Crosstalk CT ts TA = +25C, RL = 2k, CL = 100pF, Voltage Follower TA = +25C, f = 1kHz VIO/T TA = -40 to +85C RI CI RO en TA = +25C TA = +25C TA = +25C TA = +25C, RS = 100 f = 1kHz f = 10kHz TA = -40 to +85C, RL = 2k Test Conditions TA = +25C, RL = 2k Min +12 -14 0.4 - - - - - - - - - - - - Typ +13 -14.4 0.13 +12.4 -14.2 8 8.4 240 252 15 1.5 4 60 40 12 Max - - - - - 12 - 360 - - - - - - - Unit V V V V V mA mA mW mW A/C T pF nV/Hz nV/Hz
IOM+ IOM- fT SR tr
TA = +25C TA = +25C TA = +25C TA = +25C, RL = 2k, CL = 100pF
- - - - - - - - -
40 11 4.5 9 0.08 10 4.5 1.4 120 - - - - - - - -
mA mA MHz V/s s % s s dB
Note 3. V+ = 5V, V- = GND, ISink = 200A. Electrical Characteristics: (TA = +25C, V+ = +5V, V- = -5V unless otherwise specified)
Parameter Input Offset Voltage Input Offset Current Input Current Input Resistance Large-Signal Voltage Gain Symbol |VIO| |IIO| II RI AOL CMRR Test Conditions Min - - - - - - Common-Mode Rejection Ratio - 70 Typ 5 0.1 2 1 100k 100 32 90 Max - - - - - - 320 - Unit mV pA pA T V/V dB V/V dB
Electrical Characteristics (Cont'd): (TA = +25C, V+ = +5V, V- = -5V unless otherwise specified)
Parameter Common-Mode Input-Voltage Range Symbol VICR VIO/V PSSR Maximum Output Voltage Maximum Output Current: Source Sink Slew Rate Gain-Bandwidth Product Supply Current Device Dissipation VOM+ VOM- IOM+ IOM- SR fT I+ PD Pin Connection Diagram Test Conditions Min - - Power Supply Rejection Ratio - - - - - - - - - - Typ -0.5 +2.6 31.6 90 3.0 0.3 20 1 7 4.5 4 20 Max - - - - - - - - - - - - Unit V V V/V dB V V mA mA V/s MHz mA mW
Output A 1 Invert Input A 2 Non-Invert Input A 3 V- 4
8 V+ 7 Output B 6 Invert Input B 5 Non-Invert Input B
8
5
.260 (6.6)
1 .390 (9.9) Max
4 .300 (7.62) .155 (3.93)
.100 (2.54) .300 (7.62)
.145 (3.68)


▲Up To Search▲   

 
Price & Availability of NTE7141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X