Part Number Hot Search : 
KMM36 SZ526 MC3401 TMV2412D AMPHENOL PE9631 VS8022FI 25015
Product Description
Full Text Search
 

To Download NTE7129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7129 Integrated Circuit IF Signal Processing (Super PLL-II VIF + SIF) Circuit for TVs & VCRs
Description: The NTE7129 is an intercarrier-type VIF + SIF integrated circuit in a 24-Lead DIP type package that supports excellent sound and image quality. The pin assignment of the NTE7129 is identical to that of the NTE7130, allowing the NTE7130 to be used for split systems while the NTE7129 is used for intercarrier systems. In addition, the NTE7129 suppresses Nyaquist buzz interference by using a PLL (Phase-Lock Loop) detection system with a buzz canceller in order to provide the best sound quality possible. Features: D Excellent Buzz and Buzz-Beat Characteristics due to PLL D Built-In APC Time Constant Switch D Duplicate Time Constant System Suited for High-Speed AGC D Excellent DG and DP Characteristics D RF AGC Adjustment is Simple Functions: VIF Block D VIF Amplifier D VCO D APC Filter D B/W NC D AFT D IF AGC SIF Block D Limiter Amplifier Mute D Audio Mute (Pin2) D IS-15 Switch (Pin13)
D D D D D D
PLL Detector Equalizer Amplifier Lock Detection RF AGC APC Detector Buzz Canceller
D FM Quadrature Detector D AV Mute (Pin4)
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.8V Allowable Power Dissipation (TA +50C), Pdmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200mW Circuit Voltage, V3, V13 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC Circuit Voltage, V14 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC Circuit Current, I1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1mA Circuit Current, I17 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA Circuit Current, I21 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -3mA Circuit Current, I10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3mA Operating Temperature Range (Note 2), Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Note 1. The current that flows into the IC is positive (no signal); the current that flows out of the IC is negative. Note 2. Topr = -20 to +75C at VCC = 9V. Recommended Operating Conditions: (TA = +25C unless otherwise specified)
Parameter Recommended Supply Voltage Operating Supply Voltage Range Symbol VCC VCCop 8.2 Test Conditions Min Typ 9 or 12 - 13.2 Max Unit V V
Note 3. Always turn on the protective resistance when drawing a line directly out from the IC at usage. (Pin2, Pin11, Pin12, etc.) Note 4. A capacitor with favorable humidity characteristics should be used for Pin13. (ex. OS capacitor) Note 5. Pin8 (N.C.) should always be open. Electrical Characteristics: (TA = +25C, VCC = 12V unless otherwise specified)
Parameter VIF Block Circuit Current No-Signal Video Output Voltage Maximum RF AGC Voltage Minimum RF AGC Voltage No-Signal AFT Voltage Input Sensitivity AGC Range Maximum Allowable Input Video Output Amplitude Output S/N I9 V21 V10H V10L V14 Vi GR Vimax V13 = 5V, S1 = ON VCC = 9V V13 = 5V, S1 = ON VCC = 9V V13 = 7V, S1 = OFF VCC = 9V V13 = 7V, S1 = ON VCC = 9V V13 = 5V, S1 = ON VCC = 9V S1 = OFF VCC = 9V S1 = ON S1 = ON VCC = 9V S/N S1 = ON 42 36 6.6 5.0 10.6 7.6 - - 3.0 2.6 33 37 60 100 1.5 49 48 41 7.0 5.4 11.0 8.0 0 0 5.9 4.5 39 43 66 105 1.75 55 57 49 7.4 5.8 11.4 8.4 0.5 0.5 8.0 6.0 45 49 - - 2.0 - mA mA V V V V V V V V dB/V dB/V dB dB/V VP-P VP-P dB Symbol Test Conditions Min Typ Max Unit
VO(video) S1 = ON
1.95 2.25 2.55
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 12V unless otherwise specified)
Parameter VIF Block (Cont'd) Sync Signal Tip Voltage 920kHz Beat Level Frequency Characteristics Differential Gain Differential Phase Maximum AFT Voltage Minimum AFT Voltage White Noise Threshold Voltage White Noise Clamp Voltage Black Noise Threshold Voltage Black Noise Clamp Voltage AFT Detection Sensitivity VIF Input Resistance VIF Input Capacitance APC Pull-In Range VCO Maximum Variable Range VCO Control Sensitivity SIF Output Signal Voltage SIF Block (V13 = 5V) SIF Limiting Sensitivity FM Detection Output Voltage AMR Total Harmonic Distortion SIF S/N VI (lim) VO VCC = 9V AMR THD S/N (SIF) - 400 400 40 - 60 33 600 600 49 0.5 78 39 790 790 - 1.0 - dB/V mVrms mVrms dB % dB V21(tip) I920 fc DG DP V14H VCC = 9V V14L VCC = 9V VWTH VCC = 9V VWCL VCC = 9V VBTH VBCL Sf VCC = 9V Ri (VIF) Ci (VIF) fPU-2 fPL-2 fU fL VO (SIF) V18 = 5V to 2.6V P/S = 20dB VCC = 9V V18 = 3V, S1 = ON f = 58.75MHz f = 58.75MHz S1 = ON S1 = ON VCC = 9V S1 = ON VCC = 9V Vi = 10mV, S1 = ON P = 0, C = -4dB, S = -14dB, S1 = ON P = 0, S = -14dB Vi = 10mV, 87.5% MOD, fp = 58.75MHz 58 75MHz 4.15 4.45 4.75 VCC = 9V 3.25 3.55 3.85 37 6 - - 11.0 8.0 0 - 8.9 6.8 5.3 4.0 3.4 2.5 5.3 3.7 50 30 0.8 - 0.6 - 0.6 - 1.5 120 90 43 8 3 2 11.5 8.5 0.4 0.3 9.3 7.2 5.7 4.4 3.7 2.8 5.7 4.1 70 43 1.3 3.0 1.6 1.6 3.1 170 130 - - 6 5 12.0 9.0 1.0 1.0 9.7 7.6 6.1 4.8 4.0 3.1 6.1 4.5 100 60 1.75 6.0 - - 6.2 240 180 V V dB MHz % deg V V V V V V V V V V V V mV/kHz mV/kHz k pF MHz MHz MHz MHz kHz/mV mVrms mVrms Symbol Test Conditions Min Typ Max Unit
-1.6 -0.8 -1.6 -0.8
Electrical Characteristics (Cont'd): (TA = +25C, VCC = 12V unless otherwise specified)
Parameter Mute Defeat AFT Defeat Start Voltage AV Mute FM Mute AFT Defeat Voltage VD11 VCC = 9V V4TH VCC = 9V V2TH VCC = 9V VD14 VCC = 9V
Pin Connection Diagram
Symbol
Test Conditions
Min 0.5 0.5 0.5 0.5 0.5 0.5 5.4 3.9
Typ 2.3 1.6 1.9 1.1 2.0 1.9 6.0 4.5
Max - - - - - - 6.6 5.1
Unit V V V V V V V V
FM Detector Output 1 FM Discriminator 2 IF AGC 2 3 RF AGC VR 4 VIF Input 5 VIF Input 6 GND 7 N.C. 8 VCC 9 RF AGC Output 10 AFT Coil 11 AFT Coil 12
24 23 22 21 20 19 18 17 16 15 14 13
SIF Input GND GND Video Output EQ Amp GND EQ Amp In APC Filter Composite Video Output VCO Tank VCO Tank AFT Output IF AGC 1
24
13
1
12
.862 (21.9) Max
.259 (6.57)
.165 (4.2)
.070 (1.78) .770 (19.5)
.115 (2.9) .326 (8.28)


▲Up To Search▲   

 
Price & Availability of NTE7129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X