Part Number Hot Search : 
CPD96V PFS725EG TC143Z CXP83509 05111 TSH151 12Q221 C1403
Product Description
Full Text Search
 

To Download NTE7083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7083 Integrated Circuit Vertical Deflection Circuit for Monitor Applications
Description: The NTE7083 is an integrated circuit in a 13-Lead Staggered SIP type package designed for vertical deflection primarily in monitors and TV receivers. Features: D Fully Integrated, Few External Components D RC Oscillator with Wide Sync Range D Guard Circuit for Screen Protection D Synchronization by Positive or Negative Going Sync Pulse Absolute Maximum Ratings:
Parameter Voltages Symbol V2 V11 V12 V13 Supply Voltages (VP) V10 V9 V7 V6 V5 V4 V3 Currents I1 I3 I4 I6, I7, I8 I9 I11 Note 1 -1.5 -0.1 +1.5 +3.0 A mA Test Conditions Min 0 0 0 0 0 0 0 0 0 0 -0.7 0 +3 0 Max 6 24 6 50 50 50 60 60 6 24 6 -1 -10 -5 Unit V V V V V V V V V V V mA mA mA
D D D D
Preamplifier Flyback Generator Internal Voltage Stabilizer Dual Frequency Criterion for Automatic Amplitude Switch-Over
Note 1. I6, I7, and I8 are limited by SOAR protection circuit that ensures that a short-circuit between the output Pin7 and supply voltage or GND does not destroy the output stage. A short circuit may be soldered into the printed circuit board or may sometimes (non-periodically) occur in the applied circuit.
Absolute Maximum Ratings (Cont'd):
Parameter Storage Temperature Range Operating Ambient Temperature Range Maximum Junction Temperature Total Power Dissipation ESO Stability Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Mounting Base Symbol Tstg TA TJmax Ptot VESO RthJA RthJMB Note 2 Note 3 Note 2 Note 4 Test Conditions Min -25 -20 - - -2000 - - Max +150 +70 +150 - +2000 20 5 Unit C C C W V K/W K/W
Note 2. The maximum value to the operating ambient temperature range and the power dissipation depends on the heatsink. Note 3. Internally liminted by thermal protection: switching temperature point at TJ = +150C 8C. Note 4. Human body model: 1.5k, 100pF, 5 pulses. Electrical Characteristics: (All voltages are measured to VGND (Pin8), TA = +25C, VP = +23V unless otherwise specified)
Parameter Supply Voltage Range (Pin10) Supply Voltage Range (Pin6) Supply Current Supply Current Supply Current Minimum Output Voltage Maximum Output Voltage Output Voltage During Flyback Output Current Output Current Preamplifier Input Current Stabilized Voltage Blanking Pulse Output Voltage Blanking Pulse Output Resistance Blanking Pulse Output Current Blanking Pulse Duration Output Voltage Ramp Generator Output Current Ramp Generator Output Voltage Frequency Detector Leakage Current Frequency Detector Output Voltage Buffer Stage Output Current Buffer Stage Synchronizing Input Voltage Synchronizing Input Voltage Symbol VP VP I10 I6 I6 V7 V7 V9 I7 I8 I5 V1 V3 R3 I3 tbl V11 I11 V13 I13 V4 I4 V3 V3 Positive Sync Negative Sync Lower Frequency I13 = 1mA Higher Frequency V13 = 50V R = 100, C = 10pF (Pin12) V10 = 25V, V5 = 3V without load V6 = 25V, V5 = 1V without load V6 = 25V, V5 = 3V withput load I7 = 1A I7 = 1A I9 = -1A Test Conditions Min 10 10 - - - - V6 -2.3 - - - - 6.1 - - 0 640 0.3 -2 - - 0 - 1.0 -0.5 Typ - - 12 20 5 1.40 V6 -2.0 V10 -2.2 - - -0.1 6.8 5.7 300 - 680 - - - - - - - - Max 45 30 - - - 1.65 - - 1.3 1.3 - 7.3 - - -3 730 20 15 x 103 1.0 1.0 20 -4.0 6.0 -0.7 Unit V V mA mA mA V V V A A A V V mA s V A V A V mA V V
Electrical Characteristics (Cont'd): (All voltages are measured to VGND (Pin8), TA = +25C, VP = +23V unless otherwise specified)
Parameter Tolerance of Free Running Oscillator Oscillator Temperature Dependency Oscillator Voltage Dependency Synchronizing Ratio f/f / TC f/f / VP fO / fsync Pin Connection Diagram (Front View)
13 FRQC 12 BPDU 11 SGEN 10 VP 9 CFLY 8 GND 7 OUTPUTP 6 PSUP 5 PREI 4 SOUT 3 SYBO 2 OSCC 1 OSCR
Symbol
Test Conditions Without Sync TA = +20 to +100C VP = 10V to 30V
Min -3.0 - - 1:2.9
Typ - 10-4 4 x 104 1:3
Max +3.0 - - -
Unit % K-1 K-1
.961 (24.4)
.185 (4.7)
.128 (3.28) 1 13
.488 (12.4) .669 (17.0)
.630 (16.0)
.067 (1.7)
.200 (5.08)
.170 (4.32)


▲Up To Search▲   

 
Price & Availability of NTE7083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X