|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE7077 Integrated Circuit TV Fixed Voltage Regulator 110V 0.8V, 1A Absolute Maximum Ratings: Maximum Peak Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Maximum Output Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27W Power Transistor Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range (Case Temperature, Note 1), Topr . . . . . . . . . . . . . . . -20 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Note 1. Recommended Operating Temperature: Topr = +100C Electrical Characteristics: (TA = +25C unless otherwise specified) Parameter Output Voltage Line Regulation Load Regulation Output Voltage Temperature Coefficient Input Output Saturation Voltage Input Output Breakdown Voltage DC Current Gain Power Transistor Thermal Resistance Input Output Leakage Current Output Base Reverse Current Capacity (Between Emitter-Base) VEC(sat) VCEO hFE RJC ICEO IEB(S/B) Symbol VO Test Conditions VIN = 134V, IO = 500mA, IIN = 5.9mA, Note 2 Min Typ Max Unit V V V mV/C V V C/W A mA 109.2 110.0 110.8 - - - - 200 1500 - - - - - 0 - - - 1.8 - - 2.4 0.5 - 1.5 - 6500 - 100 300 RegLINE VIN = 125V to 150V, IO = 500mA RegLOAD VIN = 134V, IO = 250mA to 500mA VIN = 134V, IO = 500mA, TC = -20 to +100C IC = 1A, IB = 10mA ICEO = 10mA, IB = 0 IC = 1A, VCE = 4V Between Junction and Case VCE (Pin3, Pin4) = 200V, Pin1, Pin2, Pin5 Open t = 65ms Note 2. The fixed output voltage is to be measured 5 seconds after the power switch is turned on. Pin Connection Diagram (Front View) 5 Output Control 4 Output 3 Input 2 Base 1 Common (-) .700 (17.7) .177 (4.5) .700 (17.7) .177 (4.5) .196 (5.0) 1.101 (527.9) 1 2 3 4 5 .133 (3.4) OR 1 2 3 4 5 1.691 (42.9) .276 (7.0) .590 (15.0) .237 (6.0) .100 (2.54) .500 (12.7) .150 (3.8) .100 (2.54) .500 (12.7) .150 (3.8) .177 (4.5) |
Price & Availability of NTE7077 |