Part Number Hot Search : 
DS83C5 XMXXX 3329X205 B66381 LEM2520 04PITE S0500 74F545PC
Product Description
Full Text Search
 

To Download NTE7061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7061 Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
Description: The NTE7061 is a dual 5.3W (12V, 3) power amplifier in a 12-Lead SIP type package. Dual amplifier circuits make stereo operation possible using one chip. Low quiescent current makes the NTE7061 ideal for use in battery operated applications such as radio cassette recorders. Features: D Low Quiescent Current, Low Distortion, Low Noise D Low Shock Noise from Power ON/OFF Operation D Minimum External Components Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Supply Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41.7W Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (VCC = 12V, RC = 3, f = 1kHz, TA = +25C unless otherwise specified)
Parameter Quiescent Circuit Current Voltage Gain Total Harmonic Distortion Symbol ICQ GV THD Vi = 0 PO = 1W PO = 1W, f = 1kHz PO = 1W, f = 100Hz PO = 1W, f = 10kHz Maximum Output Power PO THD = 10%, RL = 3 THD = 10%, RL = 4 THD = 10%, VCC = 9V, RL = 3 Output Noise Voltage Vno Rg = 10k, f = 15Hz, to 30kHz, 12dB/OCT RG = 10k, Without Filter PO = 0.5W PO = 0.5W PO = 0.5W Test Conditions Min - - - - 4.7 - - - - - 40 45 - Typ 13 0.2 0.4 0.3 5.3 4.3 2.9 0.25 Max 19 0.75 - - - - - - Unit mA dB % % % W W W mV mV dB dB dB mV
42.5 44.5 46.5
0.40 0.50 0 50 50 0 1.0 - - 200
Channel Balance Channel Separation Ripple Rejection Ratio Output Offset Voltage
CB CS RR
VO(offset) Vi = 0
Pin Connection Diagram (Front View) 12 Ch 1 Output 11 Ch 1 Bootstrap 10 VCC 9 GND (Output) 8 Ch 2 Bootstrap G N D 7 Ch 2 Output 6 Ch 2 N.F.B. 5 Ch 2 Input 4 GND (Input) 3 Ripple Filter 2 Ch 1 Input 1 Ch 1 N.F.B.
1.230 (31.2) 1.100 (28.0) .787 (20.0) .161 (4.1) Dia .142 (3.6) Dia .059 (1.5) Max
.630 (16.0) Max
1
12
.276 (7.0) Min .150 (3.81) Max
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE7061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X