Part Number Hot Search : 
MCP6241 HV841 DAC10FX FN3158 2815S SMB5925B LA4425PV OM5234
Product Description
Full Text Search
 

To Download NTE7037 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7037 Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
Features: D 2 Outputs D Output Voltage Select Function Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum DC Input Voltage, VIN (DC) Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Maximum Average Output Current, IO Max VO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A VO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A Maximum Peak Output Current (Note 1), IO Max VO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A VO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A Operating Case Temperature, TC Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105C Maximum Junction Temperature, TJ Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +105C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7C/W Note 1. Peak Current: For 0.2sec Max. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Output Voltage Setting Output Cutoff Residual Voltage Ripple Voltage Temperature Coefficient Input Regulation Load Regulation Minimum Input-Output Voltage Difference Test Conditions Condition 1, Note 2 Condition 1, Note 3 Condition 1 Condition 1 Condition 2 Condition 3 Condition 4 Condition 5 VO1 9.50.1 0.1 5 0.02 10 2 50 1.2 VO2 5.50.1 0.1 5 0.035 10 2 50 1.2 mV/A Max V Max Unit V V Max mVp-p Max %/C Max mV/V Max
Note 2. Measurement must be made within 1 to 2 sec. after input switch is ON. Note 3. When Pin7 is at High level (3V to 15V), VO1, VO2 are turned ON. When Pin7 is at Low level (0.6V or less), VO1, VO2 are turned OFF.
Test Conditions: Condition 1: VB = 45V, VIN (DC) 1 = 13V, VIN (DC) 2 = 9V, Ripple = 1.5mVp-p IO1 = 0.5A, IO2 = 0.5A Condition 2: VB = 45V 5V VIN (DC) 1 = 13V, VIN (DC) 2 = 9V, IO1 = 0.5A, IO2 = 0.5A Condition 3: VB = 45V, VIN (DC) 1 = 10.9V to 16V, VIN (DC) 2 = 16.9V to 12V, IO1 = 0.5A, IO2 = 0.5A Condition 4: VB = 45V, VIN (DC) 1 = 13V, VIN (DC) 2 = 9V, IO1 = 0.1A to 1A, IO2 = 0.1A to 1A Condition 5: VB = 45V, IO1 = 1A, IO2 = 1A
Pin Connection Diagram (Front View)
8 7 6 5 4 3 2 1
GND Cutoff VIN (DC) 1 VB VO 1 (9.5V @ 1A) VO 2 (5.5V @ 1A) VIN (DC) 2 GND
1.543 (39.2) 1.189 (30.2) .335 (8.5)
.992 (25.2)
.508 (12.7) 1 8 .866 (22.0)
.100 (2.54) .700 (17.78)


▲Up To Search▲   

 
Price & Availability of NTE7037

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X