Part Number Hot Search : 
M39029 211152B 2N4851 1N957B TSA6060 L6004D LTC24 ISL6323
Product Description
Full Text Search
 

To Download NTE7034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7034 Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Features: D 3 Outputs D Output Voltage Select Function Absolute Maximum Ratings: (TA = +25C) Maximum DC Input Voltage, VIN (DC) Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Maximum Average Output Current, IO Max VO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A VO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A VO3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A Maximum Peak Output Current (Note 1), IO Max VO1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5A VO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5A VO3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A Operating Case Temperature, TC Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105C Junction Temperature, TJ Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +105C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5C/W Note 1. Peak Current: For 0.2sec Max. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Output Voltage Setting Output Cutoff Residual Voltage Ripple Voltage Temperature Coefficient Input Regulation Load Regulation Minimum Input-Output Voltage Difference Test Conditions Condition 1 Condition 1, Note 2 Condition 2 Condition 1 Condition 2 Condition 3 Condition 4 Condition 5 VO1 12.0 0.2 12.0 0.2 10 0.02 10 2 35 1.2 VO2 12.00.1 0.1 5 0.02 10 2 35 1.2 VO3 5.30.1 0.1 5 0.02 2 2 35 1.2 mV/A Max V Max Unit V V Max mVp-p Max %/C Max mV/V Max
Note 2. External setting available
Test Conditions: Condition 1: VB = 40V, Ripple = 6mVp-p VIN (DC) 1 = 17V, IO1 = 0.5A, Input Ripple Voltage = 2Vp-p, VIN (DC) 2 = 9V, IO2 = 0.5A, IO3 = 0.5A, Input Ripple Voltage = 2Vp-p Condition 2: VB = 40V 6V VIN (DC) 1 = 17V, IO1 = 0.5A VIN (DC) 2 = 9V, IO2 = 0.5A, IO3 = 0.5A Condition 3: VB = 40V VIN (DC) 1 = 14.5V to 22V, IO1 = 0.5A VIN (DC) 2 = 6.5V to 12V, IO2 = 0.5A, IO3 = 0.5A Condition 4: VB = 40V VIN (DC) 1 = 17V, IO1 = 0 to 1A, IO3 = 0 to 1A VIN (DC) 2 = 9V, IO2 = 0 to 1A Condition 5: VB = 40V, IO1 = IO2 = IO3 = 1A
Pin Connection Diagram (Front View)
12 GND 11 N.C. 10 VIN (DC) 1 9 VB 8 VO 1 (12V @ 1A) 7 VIN (DC) 1 6 VB 5 VO 2 (12V @ 1A) 4 VO 3 (5.1V @ 1A) 3 1 N.C. 2 VIN (DC) 2 GND
2.330 (59.2) 2.050 (52.0) .335 (8.5)
1.003 (25.5) .628 (16.0) 1 12
.925 (23.5)
.100 (2.54) 1.110 (27.94)
.158 (4.0)


▲Up To Search▲   

 
Price & Availability of NTE7034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X