Part Number Hot Search : 
RGEF1000 1DC60 SMCJ90 5KP28 VB026 LC7883 1N60T BCM5632E
Product Description
Full Text Search
 

To Download NTE7033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7033 Integrated Circuit Module, Switching Regulator Power Supply
Features: D Switching regulator power IC D Single-package, selectorless regulated power supply applicable to a wide range of line voltages from 0 to 280VAC D The oscillation circuit is of a self-oscillation type. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) AC Input Voltage, VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 280Vrms Maximum Output Power, POmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80W (150 to 280VAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100W Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +65C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +105C Operating Case Temperature, TCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6C/W Junction Temperature, TJmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Characteristics: (TA = +25C unless otherwise specified)
Parameter Output Voltage Setting Line Regulation Load Regulation Input Power Output Ripple Voltage Temperature Coefficient Light Load Characteristic Test Conditions VAC = 200V, IO = 0.3A VAC =85 to 280V, IO = 0.5A VAC = 200V, IO = 0.3 to 0.7A VAC = 200V, IO = 0.7A VAC = 200V, IO = 0.7A VAC = 200V, IO = 0.7A VAC = 200V, RL = 4.7k Min 114 - - - - - - Typ 115 0.4 1.0 103 0.4 7 125 Max 116 1.0 1.5 106 0.6 - 135 Unit V V V W Vp-p mV/C V
Internal Equivalent Circuit 11 (N.C.) 4 7 8 9 12 15
SUB 10 R4 R1 C1 R5 R7 R6 R3 1 TR1 R9 R8 TR2
TR4 TR5 13 C2
TR3 R10 R2 ZD1 2 D2 5 D1 6 3
2.330 (59.2) 2.050 (52.0) .335 (8.5)
1.004 (25.5)
.630 (16.0) 1 15
.925 (23.5)
.100 (2.54)
.200 (5.08) 1.400 (35.6)
.158 (4.0)


▲Up To Search▲   

 
Price & Availability of NTE7033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X