Part Number Hot Search : 
LTXIT C3866 3T130B CDT13003 3S0765RF VS3245Q F1402 21044598
Product Description
Full Text Search
 

To Download NTE7031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE7031 Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
Features: D Built-In Muting Circuit Reduces Pop On Noises Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73V Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1C/W Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Case Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Available Time for Shorted Load (VCC = 51.0V, RL = 8, f = 50Hz, PO = 100W), ts . . . . . . . . 2sec Recommended Operating Conditions: (TA = +25C unless otherwise specified) Operating Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51.0V Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Operating Characteristics: (TA = +25C, VCC = 51.0V, RL = 8, Rg = 600, VG = 40dB, RL: Non-Inductive Load unless otherwise specified)
Parameter Quiescent Current Output Power Total Harmonic Distortion Frequency Response Input Resistance Output Noise Voltage Midpoint Voltage Symbol ICCO PO THD f ri VNO VN Test Conditions VCC = 61V THD = 0.4%, f = 20Hz to 20kHz PO = 1.0W, f = 1kHz PO = 1.0W, +0dB, -3dB PO = 1.0W, f = 1kHz VCC = 61V, Rg = 10k VCC = 61V - - -70 Min 15 100 - Typ - - - 20 to 50k 55 - 0 - 1.2 +70 Max 120 - 0.4 Unit mA W % Hz k mVrms mV
Pin Connection Diagram (Front View) 15 Bootstrap 14 V+ 13 Output 12 V- 11 Compensation 10 IAdjust 9 8 6 5 4 3 2 1 Emitter Bypass Compensation Test Point Bypass Bias GND (Substrate) NFB Input
7 IAdjust
2.520 (64.0) 2.190 (55.6) .334 (8.5)
1.440 (36.4)
.737 (18.7) 1 .141 (3.6) Dia (2 Holes) 15
.100 (2.54) 1.400 (35.56) .020(.508)


▲Up To Search▲   

 
Price & Availability of NTE7031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X