Part Number Hot Search : 
EP8250 DL41A NJM2723 DPH140T PWR4006 TQRLC PP80N0 NOA1312
Product Description
Full Text Search
 

To Download NTE64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE64 Silicon NPN Transistor UHF High Speed Switch
Description: The NTE64 is a silicon NPN high frequency transistor designed primarily for use in high-gain, low noise small-signal amplifiers and applications requiring fast switching times. Features: D High Current Gain-Bandwidth Product: fT = 4.5GHz Typ @ IC = 15mA D Low Noise Figure: NF = 2dB Typ @ f = 1GHz D High Power Gain: Gpe = 10dB Min @ f = 1GHz D Third Order Intercept: +23dBm Typ Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.375W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current V(BR)CEO IC = 1mA, IB = 0 V(BR)CBO IC = 0.1mA, IE = 0 V(BR)EBO IE = 0.1mA, IC = 0 ICBO VCB = 15V, IE = 0 15 25 2 - - - - - - - - 50 V V V nA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter ON Characteristics DC Current Gain Dynamic Characteristics Current Gain-Bandwidth Product Collector-Base Capacitance Noise Figure Functional Tests Common-Emitter Amplifier Power Gain Third Order Intercept Gpe VCC = 6V, IC = 5mA, f = 1GHz IC = 5mA, VCE = 6V, f = 0.9GHz 10 - 12 +23 - - dB dBm fT Ccb NF IC = 15mA, VCE = 10V, f = 1GHz VCB = 10V, IE = 0, f = 1MHz IC = 5mA, VCE = 6V, f = 1GHz - - - 4.5 0.4 2.0 - 1.0 2.5 GHz pF dB hFE IC = 5mA, VCE = 5V 30 80 200 Symbol Test Conditions Min Typ Max Unit
.075 (1.9) Min
C Seating Plane .770 (19.5) Max E E .190 (4.83) Dia .325 (8.27) Max B
.036 (0.92)


▲Up To Search▲   

 
Price & Availability of NTE64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X