Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download NTE6401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE6401 Unijunction Transistor
Description: The NTE6401 is designed for use in pulse and timing circuits, sensing circuits and thyristor trigger circuits. Features: D Low Peak Point Current: 5A (Max) D Low Emitter Reverse Current: .005A (Typ) D Passivated Surface for Reliability & Uniformity Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW RMS Emitter Current, IE(RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Peak Pulse Emitter Current (Note 2), iE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Emitter Reverse Voltage, VB2E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Interbase Voltage, VB2B1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Note 1 Derate 3mW/C increase in ambient temperature. The total power dissipation (available power to Emitter and Base-Two) must be limited by the external circuitry. Note 2 Capacitor discharge - 10F or less, 30 volts or less Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Intrinsic Standoff Ratio Interbase Resistance Interbase Resistance Temperature Coefficient Symbol Test Conditions VB2B1 = 10V, Note 3 VB2B1 = 3V, IE = 0 Min 0.56 4.7 0.1 Typ - 7.0 - Max 0.75 9.1 0.9 Unit - k %/C
rBB arBB
Note 3. Intrinsic standoff ratio, is defined by equation: = VP - VF VB2B1 where VP = Peak Point Emitter Voltage VB2B1 = Interbase Voltage VF = Emitter to Base-One Junction Diode Drop ( 0.45V @ 10A)
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Emitter Saturation Voltage Modulated Interbase Current Emitter Reverse Current Peak Point Emitter Current Valley Point Current Base-One Peak Pulse Voltage Symbol Test Conditions Min - - - - 4 3 Typ 3.5 15 0.005 1 6 5 Max - - 12 5 - - Unit V mA A A mA V VEB1(sat) VB2B1 = 10V, IE = 50mA, Note 4 IB2(mod) IEB20 IP IV VOB1 VB2B1 = 10V, IE = 50mA VB2E = 30V, IB1 = 0 VB2B1 = 25V VB2B1 = 20V, RB2 = 100
Note 4. Use pulse techniques: Pulse Width ~ 300s, duty cycle 2% to avoid internal heating due to interbase modulation which may result in erroneous readings.
.230 (5.84) Dia Max .195 (4.95) Dia Max
.210 (5.33) Max
.030 (.762) Max
.500 (12.7) Min
.018 (0.45) Base 1 Emitter
45 Base 2/Case .041 (1.05)


▲Up To Search▲   

 
Price & Availability of NTE6401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X