Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download NTE579 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE579
Silicon Axial Lead Rectifier
Description: The NTE579 is a Schottky Barrier Rectifier in a DO27 type axial lead package designed for use in low-voltage, high frequency inverters, free wheeling diodes, and polarity protection diodes. Features: D Low Reverse Current D Low Stored Charge, Majority Carrier Conduction D Low Power Loss/High Efficiency D Highly Stable Oxide Passivated Junction D Guard-Ring for Stress Protection D Low Forward Voltage D 150C Operating Junction Temperature D High Surge Capacity Absolute Maximum Ratings: Peak Repetitive Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V Working Peak Reverse Voltage, VRWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V DC Blocking Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V Average Rectified Forward Current, IO (TA = +100C, RJA = 28C/W, P.C. Board Mounting) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Non-Repetitive Peak Surge Current, IFSM (Surge applied at rated load conditions, half-wave, single phase, 60Hz) . . . . . . . . . . . . 150A Voltage Rate of Change (Rated VR), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V/ns Operating Junction Temperature Range (Reverse Voltage applied), TJ . . . . . . . . . . -65 to +150C Storage Junction Temperature Range (Reverse Voltage applied), Tstg . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction to Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28C/W Electrical Characteristics: (TL = +25C, Note 1 unless otherwise specified) Maximum Instantaneous Forward Voltage, VF (IF = 3A, TL = +25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 790mV (IF = 3A, TL = +100C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 690mV Maximum Instantaneous Reverse Current at Rated dc Voltage, iR (TL = +25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6mA (TL = +100C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle = 2.0%.
1.000 (25.4) Min .371 (9.4) Max
.050 (1.27) Dia Max Color Band Denotes Cathode
.250 (6.35) Dia Max


▲Up To Search▲   

 
Price & Availability of NTE579

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X