Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download NTE391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE390 (NPN) & NTE391 (PNP) Silicon Complementary Transistors General Purpose
Description: The NTE390 (NPN) and NTE391 (PNP) are silicon compelementary transistors in a TO218 type package designed for general purpose power amplifier and switching applications. Features: D 10A Collector Current D Low Leakage Current: ICEO = 0.7mA @ VCE = 60V D Excellent DC Gain: hFE = 40 Typ @ 3A D High Current Gain Bandwidth Product: hfe = 3 Min @ IC = 500mA, f = 1MHz Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Continuous Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.64W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.56C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35.7C/W Note 1. Pulse Test: Pulse Width = 10ms, Duty Cycle 10%.
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage VCEO(sus) IC = 30mA, IB = 0, Note 2 Collector-Emitter Cutoff Current Emitter-Base Cutoff Current ON Characteristics (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter ON Voltage Dynamic Characteristics Small-Signal Current Gain Current-Gain Bandwidth Product hfe fT IC = 0.5A, VCE = 10V, f = 1kHz IC = 0.5A, VCE = 10V, f = 1MHz, Note 3 20 3 - - - - MHz hFE VCE(sat) VBE(on) IC = 1A, VCE = 4V IC = 3A, VCE = 4V IC = 3A, IB = 0.3A IC = 10A, IB = 2.5A IC = 3A, VCE = 4V IC = 10A, VCE = 4V 40 20 - - - - - - - - - - - 100 1 4 1.6 3.0 V V V V ICEO ICES IEBO VCE = 60V, IB = 0 VCE = 100V, VEB = 0 VEB = 5V, IC = 0 100 - - - - - - - - 0.7 0.4 1 V mA mA mA Symbol Test Conditions Min Typ Max Unit
Note 2. Pulse Test: Pulse Width = 300s, Duty Cycle 2%. Note 3. fT = |hfe| ftest
.600 (15.24) .060 (1.52) .173 (4.4) C
.156 (3.96) Dia. B C E
.550 (13.97)
.430 (10.92)
.500 (12.7) Min .055 (1.4) .015 (0.39)
.216 (5.45)
NOTE: Dotted line indicates that case may have square corners


▲Up To Search▲   

 
Price & Availability of NTE391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X