Part Number Hot Search : 
W742C81A S2071 PVL500N 9N03L EL7532 EBE24B LU9343 F1260
Product Description
Full Text Search
 

To Download NTE386 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE386 Silicon NPN Transistor Audio Power Amp, Switch
Description: The NTE386 is a silicon NPN power transistor in a TO3 type package designed for high voltage, high- speed power switching in inductive circuit where fall time is critical. This device is particularly suited for line operated switchmode applications. Applications: D Switching Regulators D Inverters D Solenoid and Relay Drivers D Motor Controls D Deflection Circuits Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO(sus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Collector-Emitter Voltage, VCEV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Base Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Total Power Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100W Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Maximum Lead Temperature (During Soldering, 1/8" from case, 5sec), TL . . . . . . . . . . . . . . +275C Note 1. Pulse Test: Pulse Width = 5ms, Duty Cycle 10%.
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 100mA, IB = 0 ICEV ICER Emitter Cutoff Current ON Characteristics (Note 2) DC Current Gain Collector-Emitter Saturation Voltage hFE VCE(sat) VBE(sat) Ccb td tr ts tf VCE = 5V, IC = 5A IC = 10A, IB = 2A IC = 20A, IB = 6.7A Base-Emitter Saturation Voltage Dynamic Characteristics Output Capacitance VCB = 10V, IE = 0, ftest = 1kHz VCC = 250V, IC = 10A, IB1 = 2A, VBE(off) = 5V, tp = 10s, Duty Cycle 2% 125 - 500 pF s s s s IC = 10A, IB = 2A 10 - - - - - - - 60 1.8 5.0 1.8 V V V IEBO VCEV = 800V, VEB(off) = 1.5V VCE = 800V, RBE = 50, TC = +100C VBE = 6V, IC = 0 500 - - - - - - - - 0.25 5.0 1.0 V mA mA mA Symbol Test Conditions Min Typ Max Unit
Switching Characteristics (Resistive Load) Dealy Time Rise Time Storage Time Fall Time - - - - 0.02 0.3 1.6 0.3 0.1 0.7 4.0 0.7
Note 2. Pulse Test: Pulse Width = 300ms, Duty Cycle 2%.
.135 (3.45) Max .350 (8.89) .875 (22.2) Dia Max Seating Plane
.312 (7.93) Min Emitter .215 (5.45)
.040 (1.02) 1.187 (30.16) .665 (16.9) .156 (3.96) Dia (2 Holes)
.430 (10.92)
.188 (4.8) R Max
Base
.525 (13.35) R Max Collector/Case


▲Up To Search▲   

 
Price & Availability of NTE386

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X