Part Number Hot Search : 
1PMT4107 LUR81D PM7205 1H330 NJM2527 LTC4352 KSC3502E 100FC
Product Description
Full Text Search
 

To Download NTE362 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE362 Silicon NPN Transistor RF Power
Description: The NTE362 is designed for 7.0 to 15 volts, UHF large signal amplifier applications required in industrial and commercial FM equipment operating in the 400 to 960MHz range. Features: D D D D Specified 12.5 Volt, 470MHz Characteristics Power Output = 2.0 Watts Minimum Gain = 9.0dB Efficiency = 60% Minimum RF ballasting provides protection against device damage due to load mismatch
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Collector Current-Continuous, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4V Total Device Dissipation (TC = +25C, Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0W Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Stud Torque (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5 in-lbs Note 1. These devices are designed for RF operation. The total device dissipation rating applies only when the devices are operated as RF amplifiers. Note 2. For repeated assembly use 5 in-lbs. Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current V(BR)CEO IC = 50mA, IB = 0 V(BR)CES IC = 50mA, VBE = 0 V(BR)EBO IE = 1.0mA, IC = 0 ICES ICBO VCE = 15V, VBE = 0, TC = +55C VCB = 15V, IE = 0 16 36 4.0 - - - - - 0.2 - - - - 10 1.0 V V V mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter On Characteristics DC Current Gain Dynamic Characteristics Output Capacitance Functional Test Common-Emitter Amplifier Power Gain Collector Efficiency GPE VCC = 12.5 V, POUT = 2.0W IC = 267mA, f = 470MHz VCC = 12.5V, Pout = 2.0W IC = 240mA, f = 470MHz 9 60 10 - - - dB % Cob VCB = 12.5V, IE = 0, f = 1.0MHz - 11 15 pF hFE IC = 100mA, VCE = 5.0V 20 80 - - Symbol Test Conditions Min Typ Max Unit
B .225 (5.72)
E E .530 (13.46) C
.063 (1.62)
.282 (7.17) Dia
.123 (3.12)
.005 (0.15) Seating Plane
.630 (16.0)
Wrench Flat .250 (6.35) Dia


▲Up To Search▲   

 
Price & Availability of NTE362

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X