Part Number Hot Search : 
A101M UR202 MAX63 ISL5727 SKHI23 AAT1155 2SB118 MAX63
Product Description
Full Text Search
 

To Download NTE3132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3132 Light Emitting Diode Water Clear, High Efficiency Super Yellow-Green
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84mW Forward Current, IF Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Peak (0.1 ms pulse width, 1/10 duty cycle) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V LED Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +100C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +100C Lead Temperature (During Soldering, 3sec max, 2mm below package base), TL . . . . . . . . . +240C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter View Angle of Half Power Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Dominate Wave Length Spectrum Width of Half Valve Symbol 21/2 VF IR IV p d(HUE) Test Conditions IF = 20mA IF = 20mA VR= 5V IF = 20mA, Note 1 IF = 20mA, Note 2 IF = 20mA IF = 20mA Min - - - 200 - - - Typ 24 2.15 - 500 570 567 30 Max - 2.80 10 - - - - Unit degree V A mcd nm nm nm
Note 1. Tolerance: 30%, measured using Exeltron 2001. Note 2. The dominate wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
.088 (2.25) .016 (0.4)
.070 (1.8) Dia .240 (6.1) .181 (4.6) .119 (3.04) .088 (2.25) Cathode Stripe .108 (2.75)
.043 (1.1)


▲Up To Search▲   

 
Price & Availability of NTE3132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X