Part Number Hot Search : 
LP295 PEB3558 SA102 MCT5210 AVR750U MAX6920 STA124S HYA230
Product Description
Full Text Search
 

To Download NTE275 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE274 (NPN) & NTE275 (PNP) Silicon Complementary Transistors Darlington Power Amplifier, Switch
Description: The NTE274 (NPN) and NTE275 (PNP) are silicon complementary Darlington transistors in a TO66 type case designed for general purpose amplifier, low-frequency switching and hammer driver applications. Features: D High DC Current Gain: hFE = 3000 Typ @ IC = 2A D Low Collector-Emitter Saturation Voltage: VCE(sat) = 2V Max @ IC = 2A D Collector-Emitter Sustaining Voltage: VCEO(sus) = 80V Min D Monolithic Construction with Built-In Base-Emitter Shunt Resistors Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mA Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.286W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 50mA, IB = 0 ICEO ICER Emitter Cutoff Current IEBO VCE = 40V, IB = 0 VCE = 80V, VEB(off) = 1.5V VCB = 80V, VEB(off) = 1.5V, TA = +150C VBE = 5V, IC = 0 80 - - - - - - - - - - 0.5 0.5 5.0 2.0 V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter ON Characteristics DC Current Gain hFE VCE(sat) VBE(sat) VBE(on) |hfe| VCE = 3V, IC = 2A VCE = 3V, IC = 4A Collector-Emitter Saturation Voltage IC = 2A, IB = 8mA IC = 4A, IB = 40mA Base-Emitter Saturation Voltage Base-Emitter ON Voltage Dynamic Characteristics Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio Output Capacitance NTE274 NTE275 Small-Signal Current Gain NTE274 hfe IC = 1.5A, VCE = 3V, f = 1kHz IC = 1.5A, VCE = 3V, f = 1MHz 4.0 - - IC = 4A, IB = 40mA VCE = 3V, IC = 2A 750 100 - - - - - - - - - - 18000 - 2.0 3.0 4.0 2.8 V V V V Symbol Test Conditions Min Typ Max Unit
Cob VCB = 10V, IE = 0, f = 0.1MHz - - 300 - - - 120 200 - pF pF
C B
.062 (1.57) .485 (12.3) Dia .295 (7.5)
E
.031 (0.78) Dia .960 (24.3)
.360 (9.14) Min Base
NTE275
.147 (3.75) Dia (2 Places)
.580 (14.7)
C B
.145 (3.7) R Max
.200 (5.08)
Collector/Case
Emitter
E


▲Up To Search▲   

 
Price & Availability of NTE275

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X