Part Number Hot Search : 
31E12 HMC33709 10002 FS7M0680 AT3102S TLRE53TF 20000 C330M
Product Description
Full Text Search
 

To Download NTE2560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2559 (NPN) & NTE2560 (PNP) Silicon Complementary Transistors Darlington, Motor/Relay Driver
Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Collector Dissipation (TFL = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Symbol ICBO IEBO hFE VCE(sat) VBE(sat) Test Conditions VCB = 120V, IE = 0 VEB = 6V, IC = 0 VCE = 4V, IC = 8A IC = 8A, IB = 16mA IC = 8A, IB = 16mA Min - - 120 2000 - - Typ - - - - - - Max 10 10 - - 1.5 2.5 V V Unit A mA V
Collector-Emitter Breakdown Voltage V(BR)CEO IC = 10mA, RBE =
Note 1. For NTE2560, the polarity is reversed.
NTE2559 (NPN)
NTE2560 (PNP)
C B B
C
E
E
.221 (5.6) .123 (3.1)
.134 (3.4) Dia .630 (16.0)
.315 (8.0) .866 (22.0)
B .158 (4.0)
C
E
.804 (20.4)
.215 (5.45)
.040 (1.0)


▲Up To Search▲   

 
Price & Availability of NTE2560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X