Part Number Hot Search : 
TA3020 STA541SA PVM2VXX C1206 BCM207 OSD070T 12120 KP30A
Product Description
Full Text Search
 

To Download NTE2553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2553 Silicon NPN Transistor Darlington, Motor Driver, Switch
Features: D High DC Current Gain D High Breakdown Voltage D Isolated TO220 Type Package Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Collector Power Dissipation, PC TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cut-Off Current Emitter Cut-Off Current Collector-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Emitter-Collector Forward Voltage Transition Frequency Collector Output Capacitance Turn-On Time Storage Time Fall Time Symbol ICBO IEBO Test Conditions VCB = 300V, IE = 0 VEB = 6V, IC = 0 Min - 50 300 200 500 100 - - - - - - - - Typ - - - - - - - - 1.5 40 200 - - - Max 100 150 - - 5000 - 2.0 2.3 2.0 - - 1.0 12 2.0 V V V MHz pF s s s Unit A mA V V
V(BR)CBO IC = 1mA, IE = 0 hFE VCE(sat) VBE(sat) VECF fT Cob ton tstg tf VCE = 2V, IC = 5A VCE = 2V, IC = 10A IC = 10A, IB = 100mA IC = 10A, IB = 100mA IE = 10A, IB = 0 VCE = 2V, IC = 1A VCB = 10V, IE = 0, f = 1MHz VCC = 100V, IB1 = -IB2 = 100mA
Collector-Emitter Sustaining Voltage VCEO(sus) IC = 250mA, L 40mH
C B
E
.402 (10.2) Max .224 (5.7) Max
.173 (4.4) Max .122 (3.1) Dia .114 (2.9) Max
.295 (7.5) .669 (17.0) Max .165 (4.2)
B
C
E
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X