Part Number Hot Search : 
VC0201 30010 PO0R4 WF5025 1M50V SPP34 MBR30H OM1055
Product Description
Full Text Search
 

To Download NTE254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE253 (NPN) & NTE254 (PNP) Silicon Complementary Transistors Darlington Power Amplifier
Description: The NTE253 (NPN) and NTE254 (PNP) are silicon complementary Darlington transistors in a TO126 type case designed for general-purpose amplifier and low-speed switching applications. Features: D High DC Current Gain: hFE = 2000 (Typ) @ IC = 2A D Monolithic Construction with Built-In Base-Emitter Resistors to Limit Leakage Multiplication Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.32W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.23C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector Cutoff Current V(BR)CEO IC = 50mA, IB = 0, Note 1 ICEO ICBO Emitter Cutoff Current IEBO VCE = 80V, IB = 0 VCE = 80V, IE = 0 VCE = 80V, IE = 0, TC = +100C VBE = 5V, IC = 0 80 - - - - - - - - - - 100 100 500 2.0 V A A A mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter ON Characteristics (Note 1) DC Current Gain NTE253 NTE254 NTE253 & NTE253 Collector-Emitter Saturation Voltage NTE253 NTE254 NTE253 & NTE254 Base-Emitter ON Voltage NTE253 NTE254 NTE253 & NTE254 Dynamic Characteristics Small-Signal Current Gain |hfe| VCE = 3V, IC = 1.5A, f = 1MHz 1.0 - - VBE(on) VCE = 3V, IC = 1.5A VCE = 3V, IC = 2.0A VCE = 3V, IC = 4.0A - - - - - - 2.5 2.5 3.0 V V V VCE(sat) IC = 1.5A, IB = 30mA IC = 2.0A, IB = 40mA IC = 4.0A, IB = 40mA - - - - - 2.5 2.8 3.0 V V V hFE VCE = 3V, IC = 1.5A VCE = 3V, IC = 2A VCE = 3V, IC = 4A 750 750 100 2000 2000 - - - - Symbol Test Conditions Min Typ Max Unit
-
Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2% Note 2. NTE253MCP is a matched complementary pair containing 1 each of NTE253 (NPN) and NTE254 (PNP).
NTE253
.330 (8.38) Max
C
B
.450 (11.4) Max
E
.175 (4.45) Max
.118 (3.0) Dia .655 (16.6) Max .030 (.762) Dia
C B
NTE254
E
C
B .090 (2.28)
E
.130 (3.3) Max


▲Up To Search▲   

 
Price & Availability of NTE254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X