Part Number Hot Search : 
VDZ10B 1N523 002223 74HC14 2SC3507 NZ2016S AD7520KD CTA41CC6
Product Description
Full Text Search
 

To Download NTE2548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2547 (NPN) & NTE2548 (PNP) Silicon Complementary Transistors Darlington Driver
Features: D High DC Current Gain D High Current Capacity and Wide ASO D Low Saturation Voltage Applications: D Motor Drivers D Printer Hammer Drivers D Relay Drivers D Voltage Regulator Control Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector to Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V Collector to Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Emitter to Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A Collector Dissipation, PC TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0W TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Symbol ICBO IEBO hFE fT Test Conditions VCB = 80V, IE = 0 VEB = 5V, IC = 0 VCE = 3V, IC = 4A VCE = 5V, IC = 4A Min - - - Typ - - 20 Max 0.1 3.0 - Unit mA mA MHz
1500 4000
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector to Emitter Saturation Voltage NTE2547 NTE2548 Base to Emitter Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Turn-On Time NTE2547 NTE2548 Storage Time NTE2547 NTE2548 Fall Time NTE2547 NTE2548 tf tstg VBE(sat) IC = 4A, IB = 8mA V(BR)CBO IC = 5mA, IE = 0 V(BR)CEO IC = 50mA, RBE = ton IC = 4A, IB1 = 500mA, IB2 = -500mA, Pulse Width = 50s, Duty Cycle 1%, Note 1 Symbol VCE(sat) Test Conditions IC = 4A, IB = 8mA Min - - - 110 100 - - - - - - Typ 0.9 1.0 - - - 0.6 0.7 4.8 1.4 1.6 1.5 Max 1.5 - 2.0 - - - - - - - - Unit V V V V V s s s s s s
Note 1. For NTE2548 (PNP), the polarity is reversed.
NTE2547 (NPN) C B
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2) .173 (4.4) Max .114 (2.9) Max
E
NTE2548 (PNP) C B
.531 (13.5) Min
B
C
E
.100 (2.54)
E
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X