Part Number Hot Search : 
XXXXXX L433C BCM8211 2SC3599 AP03N70H E7532G 01901 00H7P3
Product Description
Full Text Search
 

To Download NTE2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2506 Silicon NPN Transistor High Frequency Video Driver
Description: The NTE2506 is a silicon NPN epitaxial transistor in a TO126 type package designed for use in the cascode stage of the driver for high-resolution color graphics monitors. Features: D High Breakdown Voltage D Low Output Capacitance Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95V Collector-Emitter Voltage (RBE = 100), VCER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V DC Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mA Total Power Dissipation (TS +85C, Note 1), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Soldering Point (TS +85C, Note 1), RthJS . . . . . . . . . . 18K/W Note 1. TS is the temperature at the soldering point of the collector lead. Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Symbol V(BR)CBO IC = 0.1mA V(BR)CEO IC = 10mA V(BR)CER IC = 10mA, RBE = 100 Emitter-Base Breakdown Voltage Collector Cutoff Current V(BR)EBO IE = 0.1mA ICES ICBO DC Current Gain Transition Frequency Collector-Base Capacitance Collector Capacitance hFE fT Ccb Cc IB = 0, VCE = 50V IE = 0, VCB = 50V IC = 100mA, VCE = 10V, TA = +25C IC = 100mA, VCE = 10V, f = 100MHz, TA = +25C IC = 0, VCB = 10V, f = 1MHz, TA = +25C IE = ie = 0, VCB = 10V f = 1MHz Test Conditions Min 115 95 110 3 - - 20 0.8 - - Typ - - - - - - 35 1.2 2.0 3.5 Max Unit - - - - 100 20 - - - - GHz pF pF V V V V A A
.330 (8.38) Max
.175 (4.45) Max .450 (11.4) Max
.118 (3.0) Dia
.655 (16.6) Max
.030 (.762) Dia
E
C
B
.090 (2.28) .130 (3.3) Max


▲Up To Search▲   

 
Price & Availability of NTE2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X