Part Number Hot Search : 
SCC100A AA10C 2N6292 D4SB100 10211 5KE110A SM6451A NCP3418D
Product Description
Full Text Search
 

To Download NTE2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2503 Silicon NPN Transistor High Gain Switch
Features: D High DC Current Gain D High Current Capacity D Low Collector-Emitter Saturation Voltage D High Emitter-Base Voltage Applications: D AF Amplifier D Various Driver Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700mA Pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Collector Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current Gain-Bandwidth Product Output Capacitance Symbol ICBO IEBO hFE fT Cob Test Conditions VCB = 20V, IE = 0 VEB = 10V, IC = 0 IC = 50mA, VCE = 5V IC = 500mA, VCE = 5V IC = 50mA, VCE = 10V VCB = 10V, f = 1MHz Min - - 600 - - Typ - - - 270 9 Max 0.1 0.1 - - - MHz pF Unit A A
800 1500 3200
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Collector Saturation Voltage Base Saturation Voltage Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Turn-On Time Storage Time Fall Time Symbol VCE(sat) VBE(sat) Test Conditions IC = 500mA, IB = 10mA IC = 500mA, IB = 10mA Min - - 30 25 15 - - - Typ 0.15 0.9 - - - 0.1 0.6 0.06 Max 0.50 1.2 - - - - - - Unit V V V V V s s s
V(BR)CBO IC = 10A, IE = 0 V(BR)CEO IC = 1mA, RBE = V(BR)EBO IE = 10A, IC = 0 ton tstg tf IB1 = 100mA, IB2 = IC = 300mA, Pulse Width = 20s, Duty Cycle 1%
.135 (3.45) Min .210 (5.33) Max
Seating Plane
.500 (12.7) Min
.021 (.445) Dia Max
ECB .100 (2.54) .050 (1.27) .165 (4.2) Max .105 (2.67) Max .105 (2.67) Max .205 (5.2) Max


▲Up To Search▲   

 
Price & Availability of NTE2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X