Part Number Hot Search : 
0M0000 GBJ4A 150FC VSC6134 2SK4124 SMAJ90CA 16VT210S C1569ACS
Product Description
Full Text Search
 

To Download NTE2430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2430 Silicon NPN Transistor High Voltage Amp/Switch (Compl to NTE2431)
Description: The NTE2430 is a silicon NPN transistor in a SOT-89 type surface mount package designed for use in amplifier and switching switching applications. Absolute Maximum Ratings: Collector-Base Voltage (Open Emitter), VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V Collector-Emitter Voltage (Open Base), VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350V Emitter-Base Voltage (Open Collector), VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V DC Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Total Power Dissipation (TA +25C, Note 1), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Ambient (Note 1), RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . 125K/W Note 1. Device mounted on a ceramic substrate; area = 2.5cm2, thickness = 0.7mm. Electrical Characteristics: (TJ = +25C unles otherwise specified)
Parameter
Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Collector Capacitance Transitional Frequency
Symbol
ICES IEBO VCE(sat) VBE(sat) hFE Cc fT
Test Conditions
VCE = 300V, IB = 0 VEB = 5V, IC = 0 IC = 50mA, IB = 4mA IC = 50mA, IB = 4mA VCE = 10V, IC = 20mA IE = Ie = 0, VCB = 10, f = 1MHz VCE = 10V, IC = 10mA, f = 5MHz
Min
- - - - 40 - 70
Typ
- - - - - - -
Max
20 10 500 1.3 - 2 -
Unit
nA A mV V
pF MHz
.174 (4.42) .059 (1.5) .067 (1.7)
.096 (2.46) .161 (4.1)
E
C
B
.041 (1.05) Min
.015 (0.32)
.020 (.508) .059 (1.5) .118 (3.0) Bottom View


▲Up To Search▲   

 
Price & Availability of NTE2430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X