Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download NTE2387 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2387 MOSFET N-Channel Enhancement Mode, High Speed Switch
Absolute Maximum Ratings: Drain-Source Voltage, VDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Drain-Gate Voltage (RGS = 20k), VDGR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Pulsed Drain Current, IDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Continuous Drain Current, ID TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5A Total Dissipation (TC = +25C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Typical Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Static Characteristics Drain-Source Breakdown Voltage Zero-Gate Voltage Drain Current V(BR)DSS IDSS IGSS VGS(th) RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf VDD = 30V, ID = 2.3A, VGS = 10V, RGS = 50, Rgen = 50 ID = 250A, VGS = 0 VGS = 0, VDS = 800V, TC = +25C VGS = 0, VDS = 800V, TC = +125C Gate-Body Leakage Current Gate Threshold Voltage Static Drain-Source On Resistance Dynamic Characteristics Forward Transconductance Input Capactiance Output Capacitance Reverse Transfer Capactiance Turn-On Time Rise Time Turn-Off Delay Time Fall Time VDS = 25V, ID = 1.5A VDS = 25V, VGS = 0, f = 1MHz 3.0 - - - - - - - 4.3 1000 80 30 10 25 130 40 - 1250 120 50 25 40 150 60 mho pf pf pf ns ns ns ns VDS = 0, VGS = 30V VDS = VGS, ID = 1mA VGS = 10V, ID = 1.5A 800 - - - 2.1 - - 2 0.1 10 3.0 2.7 - 20 1.0 100 4.0 3.0 V A mA nA V Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter Dynamic Characteristics (Cont'd) Internal Drain Inductance LD Measured from contact screw on tab to center of die Measured from drain lead 6mm from package to center of die Internal Source Inductance LS Measured from the source lead 6mm from package to source bonding pad - - - 3.5 4.5 7.5 - - - nH nH nH Symbol Test Conditions Min Typ Max Unit
Source-Drain Diode Ratings and Characteristics Continuous Reverse Drain Current Pulsed Reverse Drain Current Diode Forward Voltage Reverse Recovery Time Reverse Recovered Charge IDR IDRM VSD trr Qrr IF = 4A, VGS = 0 IF = 4A, diF/dt = 100A/s, VGS = 0, VR = 100V - - - - - - - 1.0 1800 12 4 16 1.3 - - A A V ns C
.420 (10.67) Max
.110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max
Gate .100 (2.54)
Source Drain/Tab


▲Up To Search▲   

 
Price & Availability of NTE2387

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X