Part Number Hot Search : 
E4000 AX6610 BAT54STB VN808SR 79L15ACD PL14P4BD D1120 221MPD
Product Description
Full Text Search
 

To Download NTE2372 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2372 MOSFET P-Ch, Enhancement Mode High Speed Switch
Features: D Dynamic dv/dt Rating D Fast Switching D Ease of Paralleling D Simple Drive Requirements D TO220 Case Style Absolute Maximum Ratings: Continuous Drain Current (VGS = 10V), ID TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A Pulsed Drain Current (Note 1), IDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14A Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40W Derate Linearly Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.32W/C Gate-to-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Inductive Current, Clamp, ILM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14A Peak Diode Recovery dv/dt (Note 2), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Lead Temperature (During Soldering, 1.6mm from case for 10sec), TL . . . . . . . . . . . . . . . . . +300C Mounting Torque (6-32 or M3 Screw) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 lbfin (1.1Nm) Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62C/W Typical Thermal Resistance, Case-to-Sink (Flat, Greased Surface), RthCS . . . . . . . . . . . . 0.5C/W Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 2. ISD 3.5A, di/dt 95A/s, VDD V(BR)DSS, TJ +150C Note 3. Pules Width 300s, Duty Cycle 2%.
Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Symbol V(BR)DSS Test Conditions VGS = 0V, ID = 250A Min 200 - - 2.0 1.0 - - - - - - - VDD = 100V, ID = 1.5A, RG = 50, RD = 67, Note 3 - - - - Between lead, .250in. (6.0) mm from package and center of die contact VGS = 0V, VDS = 25V, f = 1MHz - - - - - Typ - 0.22 - - - - - - - - - - 15 25 20 15 4.5 7.5 350 100 30 Max - - 1.5 4.0 - 100 500 -100 100 22 12 10 - - - - - - - - - Unit V V/C V mhos A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
V(BR)DSS Reference to +25C, ID = 1mA TJ RDS(on) VGS(th) gfs IDSS IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss VGS = 10V, ID = 1.5A, Note 3 VDS = VGS, ID = 250A VDS = 50V, ID = 1.5A, Note3 VDS = 200V, VGS = 0V VDS = 160V, VGS = 0V, TJ = +125C VGS = -20V VGS = 20V ID = 4A, VDS = 160V, VGS = 10V, Note 3
Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capaticance
Source-Drain Ratings and Characteristics:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Symbol IS ISM VSD trr Qrr ton Note 1 TJ = +25C, IS = 3.5A, VGS = 0V, Note 3 TJ = +25C, IF = 3.5A, di/dt = 100A/s, Note 3 Test Conditions Min - - - - - Typ - - - 300 1.9 Max 3.5 14 7.0 450 2.9 Unit A A V ns C
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Note 1. Repetitive rating; pulse width limited by maximum junction temperature. Note 3. Pulse width 300s; duty cycle 2%.
.420 (10.67) Max
.110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max
Gate .100 (2.54)
Source Drain/Tab


▲Up To Search▲   

 
Price & Availability of NTE2372

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X