Part Number Hot Search : 
116405 OM5222SW 20N60 CTQ150 TT3BL MAX309 PA24A FA2321U
Product Description
Full Text Search
 

To Download NTE2365 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2365 Silicon NPN Transistor High Voltage Horizontal Deflection Output
Features: D High Speed: tf = 100ns typ D High Reliability D High Breakdown Voltage: VCBO = 1500V Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector to Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector to Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter to Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Collector Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180W Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Collector Sustaining Voltage Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Storage Time Fall Time Symbol ICBO ICES IEBO VCE(sat) VBE(sat) hFE(1) hFE(2) tstg tf Test Conditions VCB = 800V, IE = 0 VCE = 1500V, RBE = 0 VEB = 4V, IC = 0 IC = 10A, IB = 2.5A IC = 10A, IB = 2.5A VCE = 5V, IC = 1A VCE = 5V, IC = 10A IC = 8A, IB1 = 1.6A, IB2 = -3.2A Min - - 800 - - - 8 4 - - Typ - - - - - - - - - - Max Unit 10 1.0 - 1.0 5 1.5 30 8 3.0 0.2 s s A mA V mA V V
VCEO(sus) IC = 100mA, IB = 0
.810 (20.57) Max .236 (6.0)
.204 (5.2)
1.030 (26.16) .137 (3.5) Dia Max
.098 (2.5)
.787 (20.0)
.215 (5.45)
.040 (1.0)
.023 (0.6)
B
C
E
Note: Pin2 connected to metal part of mounting surface.


▲Up To Search▲   

 
Price & Availability of NTE2365

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X