Part Number Hot Search : 
HPA150R G4CA10X D1409 RN9770 SSD1783 AOZ1020 ZTB383D 2B100
Product Description
Full Text Search
 

To Download NTE2354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2354
Silicon NPN Transistor High Voltage Horizontal Output for High Definition CRT
Applications: D High-definition color display horizontal deflection output Features: D Fast speed: tf = 100ns Typ D High breakdown voltage: VCBO = 1500V D High reliability Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-to-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Peak Collector Current, icp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25A Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150W Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified) Parameter Collector Cutoff Current Collector Sustain Voltage Emitter Cutoff Current Saturation Voltage Collector-to-Emitter Saturation Voltage Base-to-Emitter DC Current Gain Storage Time Fall Time Symbol ICES VCEO(sus) IEBO VCE(sat) VBE(sat) hFE tstg tf Test Conditions VCE = 1500V, RBE = 0 IC = 100mA, IB = 0 VEB = 4V, IC = 0 IC = 8A, IB = 2.0A IC = 8A, IB = 2.0A VCE = 5V, IC = 1.0A IC = 6A, IB1 = 1.2A, IB2 = -2.4A IC = 6A, IB1 = 1.2A, IB2 = -2.4A Min Typ Max Unit - 800 - - - 8 - - - - - - - - - 0.1 1.0 - 1.0 5.0 1.5 - 3.0 0.2 mA V mA V V - s s
.190 (4.82)
.615 (15.62)
C
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
B
C
E
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X