Part Number Hot Search : 
BR302 MC1452 40SS001 X84C1 FAN5612 875KAC14 SBA0520Q MPX55000
Product Description
Full Text Search
 

To Download NTE2353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2353 Silicon NPN Transistor TV Horizontal Deflection Output w/Damper Diode
Features: D High Speed: tf = 100nsec D High Breakdown Voltage: VCBO = 1500V D On-Chip Damper Diode Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A Collector Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Symbol Test Conditions VCE = 1500V VCB = 800V VEB = 4V IC = 8A, IB = 1.6A IC = 8A, IB = 1.6A VCE = 5V, IC = 1A VCE = 5V, IC = 8A IEC = 10A IC = 6A, IB1 = 1.2A, IB2 = 2.4A Min Typ Max Unit
ICES ICBO
- - 800 40 - - 8 5 - -
- - - - - - - - - 0.1
1.0 10 - 130 5 1.5 - 10 2.0 0.3
mA A V mA V V
Collector Sustain Voltage Emitter Cutoff Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage DC Current Gain
VCEO(sus) IC = 100mA, IB = 0 IEBO VCE(sat) VBE(sat) hFE1 hFE2 VF tf
Diode Forward Voltage FallTime
V s
.221 (5.6) .123 (3.1)
.134 (3.4) Dia .630 (16.0)
.315 (8.0) .866 (22.0)
B .158 (4.0)
C
E
.804 (20.4)
.215 (5.45)
.040 (1.0)


▲Up To Search▲   

 
Price & Availability of NTE2353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X